Part Name
         Description
IR3638SPBF

 HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS ( 15 Page)


IRF
100% 
Zoom Out Zoom In
 6 page
background image
IR3638SPbF
3/19/07
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Soft Start
Soft Start Current
ISS
SS=0V
12
22
32
μA
Soft Start Turn On
SS (on)
1.8
2
2.2
V
Output Drivers
LO, Drive Rise Time
Tr(Lo)
CL=1.5nF, See Fig 3
30
60
ns
HI Drive Rise Time
Tr(Hi)
CL=1.5nF, See Fig 3
30
60
ns
LO Drive Fall Time
Tf(Lo)
CL=1.5nF, See Fig 3
30
60
ns
HI Drive Fall Time
Tf(Hi)
CL=1.5nF, See Fig 3
30
60
ns
Dead Band Time
Tdead
See Fig 3
35
90
150
ns
Electrical Specifications
Unless otherwise specified, these specification apply over V
cc=Vc=12V, 0
oC<T
j< 125
oC
6
9V
2V
9V
2V
High Side Driver
(HDrv)
Low Side Driver
(LDrv)
Tr
Tf
Deadband
H_to_L
Deadband
L_to_H
Tr
Tf
Fig. 3: Definition of Rise/Fall time and Deadband Time
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SC4510High Performance Synchronous Buck Controller With Reference Tracking 1 2 3 4 5 MoreSemtech Corporation
SP6120_05Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
IR3651SPBFHIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER 1 2 3 4 5 MoreInternational Rectifier
IR3622MPBFHIGH FREQUENCY 2-PHASE SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING 1 2 3 4 5 MoreInternational Rectifier
FAN5099Wide Frequency Synchronous Buck PWM AND LDO Controller 1 2 3 4 5 MoreFairchild Semiconductor
ISL6522_06Buck and Synchronous Rectifier Pulse-Width Modulator PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ISL6310_06Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers 1 2 3 4 5 MoreIntersil Corporation
ISL6540_06Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl