Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3638SPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3638SPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3638SPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3638SPBF Datasheet HTML 3Page - International Rectifier IR3638SPBF Datasheet HTML 4Page - International Rectifier IR3638SPBF Datasheet HTML 5Page - International Rectifier IR3638SPBF Datasheet HTML 6Page - International Rectifier IR3638SPBF Datasheet HTML 7Page - International Rectifier IR3638SPBF Datasheet HTML 8Page - International Rectifier IR3638SPBF Datasheet HTML 9Page - International Rectifier IR3638SPBF Datasheet HTML 10Page - International Rectifier IR3638SPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IR3638SPbF
3/19/07
Circuit Description
7
THEORY OF OPEARTION
Introduction
The
IR3638
is
a
voltage
mode
PWM
synchronous controller and operates with a fixed
400kHz switching frequency, allowing the use of
small external components. The output voltage is
set by feedback pin (Fb) and the external
reference voltage (Vp). These are two inputs to
error amplifier. The error signal between these
two inputs is compared to a fixed frequency
linear
sawtooth
ramp
and
generates
fixed
frequency pulses of variable duty-cycle (D) which
drivers N-channel external MOSFETs.
The timing of the IC is controlled by an internal
oscillator circuit that uses on-chip capacitor to set
the switching frequency.
Under-Voltage Lockout
The under-voltage lockout circuit monitors the
Vcc and Enable input and assures that the
MOSFET driver outputs remain in the off state
whenever the Vcc or Enable voltages drop below
set thresholds.
Pre-Bias Startup
IR3638 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
The output starts in asynchronous fashion and
keeps the synchronous MOSFET off until the soft
start reaches about 2.0V. Figure 4 shows a
typical Pre-Bias condition at start up.
Depends
on
system
configuration,
specific
amount of output capacitors may be required to
prevent discharging the output voltage.
Error Amplifier
The IR3638 is a voltage mode controller. The
error amplifier is of transconductance type and it
is
capable
of
operating
with
Type
III
compensation control scheme using low ESR
output capacitance.
Short Circuit Protection
The output is protected against the short-circuit.
The IR3638 protects the circuit for shorted output
by sensing the output voltage (through the
external resistor divider). The device shuts down
the PWM signals and latches off when the output
voltage drops below 0.4V.
Start Up / Down Considerations
The “Typical Application” on page1 shows a
standard
configuration
where
multiple
input
supplies are available.
This configuration minimizes the required extra
components compared with a single input supply
configuration. As it is shown the converter
voltage (Bus Voltage) is set to 5V while the IC
including the gate driver voltage are biased with
12V supply.
In order to maintain a proper start up, it is
required that the Bus Voltage ramps up first
followed by Vcc, Vc supply.
The system will be enabled when the Vp voltage
passes the under voltage lock out threshold.
Figure 5 shows start up / down sequencing.
Vo
Time
Pre-Bias Voltage
(Output Voltage before startup)
Fig. 4: Pre-Bias start up
V
5V Bus Voltage
12V (Vcc, Vc)
V_CPUCore (Vp of IR3638)
POR of IR3638
SS (IR3638)
Vout
0.65V
0.60V
Fig. 5: Start Up / Down Sequence
(Refer to Figure1)


Similar Part No. - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638SPBF IRF-IR3638SPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
More results

Similar Description - IR3638SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
ON Semiconductor
NCP1581 ONSEMI-NCP1581 Datasheet
325Kb / 14P
   High Frequency Synchronous Step Down PWM Controller for Tracking Applications
January, 2010 ??Rev. 0
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
   Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com