Part Name
         Description
IR3638SPBF

 HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS ( 15 Page)


IRF
100% 
Zoom Out Zoom In
 
 1 page
background image
IR3638SPbF
3/19/07
HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
FOR TRACKING APPLIACTIONS
Description
The IR3638 controller IC is designed to provide a
simple synchronous Buck regulator for on-board
DC to DC applications in a 14-pin SOIC. The
IR3638 is designed specifically for tracking
applications by providing the track input.
The IR3638 operates at a fixed internal 400kHz
switching frequency allowing the use of small
external components.
The device features a programmable soft start set
by an external capacitor, under-voltage lockout
and output under-voltage detection that latches
off the device when an output short is detected.
Features
Power up Sequencing / Tracking
Enable Input
Internal 400kHz Oscillator
Programmable Soft-Start
Fixed Frequency Voltage Mode
Output Voltage as low as 0.6V
Applications
Tracking Applications
Game Consoles
Computing Peripheral Voltage Regulators
Graphics Cards
General DC/DC Converters
Fig. 1: Typical Application Circuit
ORDERING INFORMATION
PKG
PACKAGE
PIN
PARTS
PARTS
T&R
DESIG DESCRIPTION
COUNT PER TUBE
PER REEL
ORIANTAION
S
IR3638STRPbF
14
----
2500
Figure A
Vcc
HDrv
LDrv
Fb
Gnd
Comp
Vp / Enable
C1
C4
R3
Q1
Q2
R2
R1
L1
C3
Vout
C7
12V
5V
D1
SS
C6
PGnd
V_CPUCore
Vc
C2
C5
Data Sheet No.PD94724
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SC4510High Performance Synchronous Buck Controller With Reference Tracking 1 2 3 4 5 MoreSemtech Corporation
SP6120_05Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
IR3651SPBFHIGH VOLTAGE SYNCHRONOUS PWM BUCK CONTROLLER 1 2 3 4 5 MoreInternational Rectifier
IR3622MPBFHIGH FREQUENCY 2-PHASE SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING 1 2 3 4 5 MoreInternational Rectifier
FAN5099Wide Frequency Synchronous Buck PWM AND LDO Controller 1 2 3 4 5 MoreFairchild Semiconductor
ISL6522_06Buck and Synchronous Rectifier Pulse-Width Modulator PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ISL6310_06Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers 1 2 3 4 5 MoreIntersil Corporation
ISL6540_06Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl