Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B40T-75VI Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN25B40T-75VI
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40T-75VI Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN25B40T-75VI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B40T-75VI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN25B40
Rev. E, Issue Date: 2007/5/3
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• 4 M-bit Serial Flash
- 4 M-bit/512 K-byte/2048 pages
- 256 bytes per programmable page
• High performance
- 75MHz clock rate
• Low power consumption
- 5 mA typical active current
- 1
μA typical power down current
• Flexible Sector Architecture:
- Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one
32-Kbyte, and seven 64-Kbyte sectors
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Byte program time: 7µs typical
- Page program time: 1.5ms typical
- Sector erase time: 300 to 800ms typical
- Chip erase time: 5 Seconds typical
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 150mil body width
- 8 pins SOP 200mil body width
- 8 contact VDFN
- 8 pins PDIP
- All Pb-free packages are RoHS compliant
• Commercial and industrial temperature
Range
GENERAL DESCRIPTION
The EN25B40 is a 4M-bit (512K-byte) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to
256 bytes at a time, using the Page Program instruction.
The EN25B40 has twelve sectors including seven sectors of 64KB, one sector of 32KB, one sector of
16KB, one sector of 8KB and two sectors of 4KB. This device is designed to allow either single Sector at a
time or full chip erase operation. The EN25B40 can protect boot code stored in the small sectors for either
bottom or top boot configurations. The device can sustain a minimum of 100K program/erase cycles on
each sector.
EN25B40
4 Mbit Serial Flash Memory with Boot and Parameter Sectors


Similar Part No. - EN25B40T-75VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B40T-75VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
SPANSION
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com