Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC221-30 Datasheet(PDF) 4 Page - Texas Instruments

Part # TC221-30
Description  SMALL-FORMAT CCD IMAGE SENSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC221-30 Datasheet(HTML) 4 Page - Texas Instruments

  TC221-30 Datasheet HTML 1Page - Texas Instruments TC221-30 Datasheet HTML 2Page - Texas Instruments TC221-30 Datasheet HTML 3Page - Texas Instruments TC221-30 Datasheet HTML 4Page - Texas Instruments TC221-30 Datasheet HTML 5Page - Texas Instruments TC221-30 Datasheet HTML 6Page - Texas Instruments TC221-30 Datasheet HTML 7Page - Texas Instruments TC221-30 Datasheet HTML 8Page - Texas Instruments TC221-30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
The TC221, TC225, and TC227 consist of four basic functional blocks: (1) the image-sensing area, (2) the serial
registers, (3) the sensor node, and (4) the low-noise source-follower amplifier. The location of each of these
blocks is identified in the functional block diagrams.
image-sensing area
As light enters the silicon in the image-sensing area, free electrons are generated and collected in the potential
wells of the sensing elements. During this time, blooming protection is activated by applying a burst of pulses
to the antiblooming gate. This prevents blooming by the spilling of charge from overexposed elements into
neighboring elements. After integration and under dark conditions, the charge is transferred line by line into the
serial register(s). The required timing is shown in Figure 1 through Figure 3. During transfer, the antiblooming
gate is held at a low level. Each imager contains a specified number of dark pixels on the left side of the
image-sensing area. These elements provide the dark reference used in subsequent video-processing circuits
to restore the video black-level.
serial register(s)
Once an image line is transferred into the serial register, the serial-register gate can be clocked until all of the
charge packets are moved out onto the sense node. A drain is also included to provide the capability to clear
the image-sensing area of unwanted charge. Such charge can accumulate in the imager during the start-up of
operation or under special conditions when nonstandard TV operation is desired.
sense node(s) and source-follower amplifier(s)
After the charge packet is placed on the sense node, the potential of this node changes in proportion to the
amount of signal received. It is then buffered by a dual-stage source-follower amplifier. The sense node and
amplifier are located some distance from the serial register; a specified number of dummy elements is used to
span the distance. The location and number of the dummy elements are shown in the functional block diagrams.
Terminal Functions
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
TC221
TC225
TC227
ABG
2
4
5
I
Antiblooming gate
ADB
4
7
3
Amplifier-drain bias
IAG
3
5
4
I
Image-area gate
NC
N/A
6
N/A
No internal connection
OUT1
5
9
2
O
Output signal 1
OUT2
N/A
8
N/A
O
Output signal 2
SRG1
1
2
6
I
Serial-register gate 1
SRG2
N/A
3
N/A
I
Serial-register gate 2
SUB
6
10
1
Substrate
TRG
N/A
1
N/A
I
Transfer gate
N/A – not applicable


Similar Part No. - TC221-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Productwell Precision E...
TC2212D-220M PRODUCTWELL-TC2212D-220M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC221-30

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
   IR-enhanced CCD image sensors
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com