Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC227-40 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC227-40
Description  SMALL-FORMAT CCD IMAGE SENSORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC227-40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC227-40 Datasheet HTML 3Page - Texas Instruments TC227-40 Datasheet HTML 4Page - Texas Instruments TC227-40 Datasheet HTML 5Page - Texas Instruments TC227-40 Datasheet HTML 6Page - Texas Instruments TC227-40 Datasheet HTML 7Page - Texas Instruments TC227-40 Datasheet HTML 8Page - Texas Instruments TC227-40 Datasheet HTML 9Page - Texas Instruments TC227-40 Datasheet HTML 10Page - Texas Instruments TC227-40 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
tw1
tw4 ≥ 600 ns
tw3 ≥ 600 ns
50 ns
≤ t2 ≤ 250 ns
tw1 ≥ 125 ns
SRG
IAG
ABG
129 Cycles
SRG
IAG
Readout
Integration
102 Cycles
tw3
tw2
tw4
Figure 3. TC227 Timing Diagram
SRG
CCD
QR
Q2
Q1
Q4
Q3
C0
Q5
Q7
VO
VRF
VDD
SUB
Q6
Figure 4. Charge-Detection Schematic


Similar Part No. - TC227-40

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC22 FUMAN-TC22 Datasheet
312Kb / 6P
   Low power switching power supply controller
logo
TiMOTION Technology Co....
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
   Max. output 32V DC, 12A
20220420-E
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
   Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
   Toroid Chokes
More results

Similar Description - TC227-40

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
S7170-0909 HAMAMATSU-S7170-0909_15 Datasheet
343Kb / 12P
   CCD area image sensors
S11510 HAMAMATSU-S11510_15 Datasheet
665Kb / 7P
   IR-enhanced CCD image sensors
logo
Sanyo Semicon Device
LC89902V SANYO-LC89902V Datasheet
57Kb / 5P
   CMOS Driver for VGA-Format Image Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com