Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG5842ADZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SG5842ADZ
Description  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5842ADZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SG5842ADZ Datasheet HTML 1Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 2Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 3Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 4Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 5Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 6Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 7Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 8Page - Fairchild Semiconductor SG5842ADZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specification
Highly Integrated Green-Mode PWM Controller
SG5842A/JA
© System General Corp.
- 4 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.4.2 (IAO33.0026.B6)
October 30, 2007
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
Value
Unit
VVDD
Supply Voltage
30
V
VVIN
Input Terminal
30
V
VFB
Input Voltage to FB Pin
-0.3 to 7.0
V
VSENSE
Input Voltage to SENSE Pin
-0.3 to 7.0
V
VRT
Input Voltage to RT Pin
-0.3 to 7.0
V
VRI
Input Voltage to RI Pin
-0.3 to 7.0
V
DIP
800.0
PD
Power Dissipation (TA < 50°C )
SOP
400.0
mW
DIP
82.5
RΘ JA
Thermal Resistance (Junction-to-Air)
SOP
141.0
°C/W
TJ
Operating Junction Temperature
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Lead Temperature (Wave Soldering or Infrared, 10 Seconds)
260
°C
VESD,HBM
Electrostatic Discharge Capability, Human Body Model
3.0
KV
VESD,MM
Electrostatic Discharge Capability, Machine Model
250
V
* All voltage values, except differential voltages, are given with respect to GND pin.
* Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
TA
Operating Ambient Temperature
-20 to +85
°C
* For proper operation.
ELECTRICAL CHARACTERISTICS
VDD = 15v, TA = 25°C, unless otherwise noted.
VDD Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD-OP
Continuously Operating Voltage
20
V
VDD-ON
Start Threshold Voltage
15.5
16.5
17.5
V
VDD-OFF
Minimum Operation Voltage
9.5
10.5
11.5
V
IDD-ST
Start-up Current
VDD=VDD-ON–0.16V
14
30
µA
IDD-OP
Operating Supply Current
VDD=15V, RI=26KΩ,
GATE=OPEN
4
5
mA
VDD-OVP
VDD Over-Voltage Protection
23.2
24.2
25.2
V
tD-OVP
VDD Over-Voltage Protection Debounce Time
RI=26KΩ
100
µs
IDD-H
Holding Current After OVP/OTP Latch-up
VDD=5V
40.0
52.5
65.0
µA
RI Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RINOR
RI Operating Range
15.5
36.0
KΩ
RIMAX
Maximum RI Value for Protection
230
KΩ
RIMIN
Minimum RI Value for Protection
10
KΩ


Similar Part No. - SG5842ADZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5842A FAIRCHILD-SG5842A Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG5842ASY FAIRCHILD-SG5842ASY Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG5842ASZ FAIRCHILD-SG5842ASZ Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5842ADZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com