Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJBZ5230Q Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJBZ5230Q
Description  500mW ZENERS IN QFN 1.2x1.5 mm짼
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJBZ5230Q Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJBZ5230Q Datasheet HTML 1Page - Pan Jit International Inc. PJBZ5230Q Datasheet HTML 2Page - Pan Jit International Inc. PJBZ5230Q Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PJBZ5200Q SERIES
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
0.5mm
0.5mm
0.75 mm
0.45 mm
0.2mm
0.30 mm
0.55 mm
1.5±0.05 mm
1.2±0.05 mm
0.5 mm
0.20±0.05 mm
0.30±0.05 mm
22.04 mm
0.35±0.05 mm
0.6±0.05 mm
0.75±0.025 mm
0.2±0.025 mm
www.panjit.com
6/15/2004
Page 3


Similar Part No. - PJBZ5230Q

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJB-24V100WXXA DELTA-PJB-24V100WXXA Datasheet
890Kb / 14P
   Power Boost of 200% for 10 seconds
PJB-24V150WXXA DELTA-PJB-24V150WXXA Datasheet
1Mb / 14P
   Low Inrush Current / Low Leakage Current
logo
Pan Jit International I...
PJB24N10 PANJIT-PJB24N10 Datasheet
212Kb / 5P
   100V N-Channel Enhancement Mode MOSFET
PJB75N75 PANJIT-PJB75N75 Datasheet
165Kb / 4P
   75V N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
PJB772 ETC-PJB772 Datasheet
194Kb / 3P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - PJBZ5230Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com