Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F20-75GC Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25F20-75GC
Description  2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F20-75GC Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25F20-75GC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F20-75GC Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN25F20
Rev. B, Issue Date: 2007/05/15
Table 6. Status Register Bit Locations
Note : In OTP mode, SRP bit is served as OTP_LOCK bit.
The status and control bits of the Status Register are as follows:
WIP bit. The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no such
cycle is in progress.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When
set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and
no Write Status Register, Program or Erase instruction is accepted.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions. These bits are written with the Write Status
Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to 1, the
relevant memory area (as defined in Table 3.) becomes protected against Page Program (PP) Sector
Erase (SE) and , Block Erase (BE), instructions. The Block Protect (BP1, BP0) bits can be written
provided that the Hardware Protected mode has not been set. The Chip Erase (CE) instruction is
executed if, and only if, both Block Protect (BP1, BP0) bits are 0.
Reserved bit. Status register bit locations 5 and 6 are reserved for future use. Current devices will read 0
for these bit locations. It is recommended to mask out the reserved bit when testing the Status Register.
Doing this will ensure compatibility with future devices.
SRP bit / OTP_LOCK bit. The Status Register Protect (SRP) bit is operated in conjunction with the Write
Protect (WP#) signal. The Status Register Write Protect (SRP) bit and Write Protect (WP#) signal allow
the device to be put in the Hardware Protected mode (when the Status Register Protect (SRP) bit is set to
1, and Write Protect (WP#) is driven Low). In this mode, the non-volatile bits of the Status Register (SRP,
BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer accepted
for execution.
In OTP mode, this bit is served as OTP_LOCK bit, user can read/program/erase OTP sector as normal
sector while OTP_LOCK value is equal 0, after OTP_LOCK is programmed with 1 by WRSR command,
the OTP sector is protected from program and erase operation. The OTP_LOCK bit can only be
programmed once.
Note : In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to 1, user
must clear the protect bits before enter OTP mode and program the OTP code, then execute WRSR command
to lock the OTP sector before leaving OTP mode.


Similar Part No. - EN25F20-75GC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20-75GCP EON-EN25F20-75GCP Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F20-75GC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
   8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20 Datasheet
415Kb / 30P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF20 EON-EN25LF20_1 Datasheet
1Mb / 32P
   2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com