Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B80-50VC Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25B80-50VC
Description  8 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B80-50VC Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25B80-50VC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25B80-50VC Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN25B80
Rev. C, Issue Date: 2006/12/25
Table 4. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable
04h
Read Status
Register
05h
(S7-S0)(1)
continuous
(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(Next byte)
continuous
Sector Erase
D8h
A23-A16
A15-A8
A7-A0
Bulk Erase
C7h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(4)
Release from Deep
Power-down
ABh
Manufacturer/
Device ID
90h
dummy
dummy
00h(5)
(M7-M0)
(ID7-ID0)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
Table 5. Manufacturer and Device Identification
Boot Type
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
33h
90h
1Ch
33h
EN25B80(Bottom Boot)
9Fh
1Ch
2014h
ABh
43h
90h
1Ch
43h
EN25B80T(Top Boot)
9Fh
1Ch
2014h


Similar Part No. - EN25B80-50VC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B80-50VC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com