Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32-100QC Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25B32-100QC
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-100QC Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25B32-100QC Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B32-100QC Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN25B32
Rev. C, Issue Date: 2007/06/21
21
64
150000h – 15FFFFh
20
64
140000h – 14FFFFh
19
64
130000h – 13FFFFh
18
64
120000h – 12FFFFh
17
64
110000h – 11FFFFh
16
64
100000h – 10FFFFh
15
64
0F0000h – 0FFFFFh
14
64
0E0000h – 0EFFFFh
13
64
0D0000h – 0DFFFFh
12
64
0C0000h – 0CFFFFh
11
64
0B0000h – 0BFFFFh
10
64
0A0000h – 0AFFFFh
9
64
090000h – 09FFFFh
8
64
080000h – 08FFFFh
7
64
070000h – 07FFFFh
6
64
060000h – 06FFFFh
5
64
050000h – 05FFFFh
4
64
040000h – 04FFFFh
3
64
030000h – 03FFFFh
2
64
020000h – 02FFFFh
1
64
010000h – 01FFFFh
0
64
000000h – 00FFFFh


Similar Part No. - EN25B32-100QC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B32-100QC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com