Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B16-100FI Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN25B16-100FI
Description  16 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B16-100FI Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN25B16-100FI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B16-100FI Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN25B16
Rev. C, Issue Date: 2006/12/22
Table 3b. Protected Area Sizes- Top Boot Sector Organization
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Sectors
Addresses
Density(KB)
Portion
0
0
0
None
None
None
None
0
0
1
Sector 35
1FF000h-1FFFFFh
4KB
Upper 1/512
0
1
0
Sector 34 to 35
1FE000h-1FFFFFh
8KB
Upper 1/256
0
1
1
Sector 33 to 35
1FC000h-1FFFFFh
16KB
Upper 1/128
1
0
0
Sector 32 to 35
1F8000h-1FFFFFh
32KB
Upper 1/64
1
0
1
Sector 31 to 35
1F0000h-1FFFFFh
64KB
Upper 1/32
1
1
0
Sector 16 to 35
100000h-1FFFFFh
1024KB
Upper 1/2
1
1
1
All
000000h-1FFFFFh
2048KB
All
Hold Function
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. However, taking this signal Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold condition
starts on the falling edge of the Hold (HOLD) signal, provided that this coincides with Serial Clock (CLK)
being Low (as shown in Figure 4.).
The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this coincides with
Serial Clock (CLK) being Low.
If the falling edge does not coincide with Serial Clock (CLK) being Low, the Hold condition starts after
Serial Clock (CLK) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock (CLK)
being Low, the Hold condition ends after Serial Clock (CLK) next goes Low. (This is shown in Figure 4.).
During the Hold condition, the Serial Data Output (DO) is high impedance, and Serial Data Input (DI) and
Serial Clock (CLK) are Don’t Care.
Normally, the device is kept selected, with Chip Select (CS#) driven Low, for the whole duration of the
Hold condition. This is to ensure that the state of the internal logic remains unchanged from the moment
of entering the Hold condition.
If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of resetting the
internal logic of the device. To restart communication with the device, it is necessary to drive Hold (HOLD)
High, and then to drive Chip Select (CS#) Low. This prevents the device from going back to the Hold
condition.
Figure 4. Hold Condition Waveform


Similar Part No. - EN25B16-100FI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GC EON-EN25B10-50GC Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GCP EON-EN25B10-50GCP Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GI EON-EN25B10-50GI Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10-50GIP EON-EN25B10-50GIP Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B16-100FI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
   32 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
SPANSION
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com