Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F80-100VI Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN25F80-100VI
Description  8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80-100VI Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN25F80-100VI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F80-100VI Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN25F80
Rev. D, Issue Date: 2007/05/16
Read Status Register (RDSR) (05h)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register
may be read at any time, even while a Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit
before sending a new instruction to the device. It is also possible to read the Status Register continuously,
as shown in Figure 7.
Table 6. Status Register Bit Locations
Note : In OTP mode, SRP bit is served as OTP_LOCK bit.
The status and control bits of the Status Register are as follows:
WIP bit. The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no such
cycle is in progress.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When
set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and
no Write Status Register, Program or Erase instruction is accepted.
BP2, BP1, BP0 bits. The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size of the
area to be software protected against Program and Erase instructions. These bits are written with the
Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP2, BP1, BP0) bits is
set to 1, the relevant memory area (as defined in Table 3.) becomes protected against Page Program (PP)
Sector Erase (SE) and , Block Erase (BE), instructions. The Block Protect (BP2, BP1, BP0) bits can be
written provided that the Hardware Protected mode has not been set. The Chip Erase (CE) instruction is
executed if, and only if, both Block Protect (BP2, BP1, BP0) bits are 0.


Similar Part No. - EN25F80-100VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F80-100GCP EON-EN25F80-100GCP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GIP EON-EN25F80-100GIP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HCP EON-EN25F80-100HCP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HIP EON-EN25F80-100HIP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100QCP EON-EN25F80-100QCP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F80-100VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com