Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P20-50VC Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN25P20-50VC
Description  2 Mbit Uniform Sector, Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P20-50VC Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN25P20-50VC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25P20-50VC Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN25P20
Rev. D, Issue Date: 2007/05/07
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After
the Write Enable (WREN) instruction has been decoded and executed, the device sets the Write Enable
Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed by
the instruction code and the data byte on Serial Data Input (DI).
The instruction sequence is shown in Figure 8.. The Write Status Register (WRSR) instruction has no
effect on S6, S5, S1 and S0 of the Status Register. S6 and S5 are always read as 0. Chip Select (CS#)
must be driven High after the eighth bit of the data byte has been latched in. If not, the Write Status
Register (WRSR) instruction is not executed. As soon as Chip Select (CS#) is driven High, the self-timed
Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in
progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The
Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is
completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect
(BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table 3..
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register
Protect (SRP) bit in accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP) bit
and Write Protect (WP#) signal allow the device to be put in the Hardware Protected Mode (HPM). The
Write Status Register (WRSR) instruction is not executed once the Hardware Protected Mode (HPM) is
entered.


Similar Part No. - EN25P20-50VC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
More results

Similar Description - EN25P20-50VC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
   32 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
   8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com