Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV160B-70T Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29LV160B-70T
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV160B-70T Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29LV160B-70T Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV160B-70T Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN29LV160
Rev. A, Issue Date: 2004/03/30
then be device-independent, JEDEC ID-
independent, and forward- and backward-
compatible for the specified flash device
families. Flash vendirs can standardize their
existing interfaces for long-term compatibility.
This device enters the CFI Query mode when
the system writes the CFI Query command,
98h, to address 55h in word mode (or
address AAh in byte mode), any time the
device is ready to read array data.
The system can read CFI information at the
addresses given in Tables 5-8. In word mode,
the upper address bits (A7–MSB) must be all
zeros. To terminate reading CFI data, the
system must write the reset command.
The system can also write the CFI query
command when the device is in the
autoselect mode. The device enters the CFI
query mode and the system can read CFI
data at the addresses given in Tables 5–8.
The system must write the reset command to
return the device to the autoselect mode.
Table 5. CFI Query Identification String
Adresses
(Word Mode)
Adresses
(Byte Mode)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists
Table 6. System Interface String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
1Bh
36h
0027h
Vcc Min (write/erase)
D7-D4: volt, D3 –D0: 100 millivolt
1Ch
38h
0036h
Vcc Max (write/erase)
D7-D4: volt, D3 –D0: 100 millivolt
1Dh
3Ah
0000h
Vpp Min. voltage (00h = no Vpp pin present)
1Eh
3Ch
0000h
Vpp Max. voltage (00h = no Vpp pin present)
1Fh
3Eh
0004h
Typical timeout per single byte/word write 2^N
µs
20h
40h
0000h
Typical timeout for Min, size buffer write 2^N
µs (00h = not
supported)
21h
42h
000Ah
Typical timeout per individual block erase 2^N ms
22h
44h
0000h
Typical timeout for full chip erase 2^N ms (00h = not supported)
23h
46h
0005h
Max. timeout for byte/word write 2^N times typical
24h
48h
0000h
Max. timeout for buffer write 2^N times typical
25h
4Ah
0004h
Max. timeout per individual block erase 2^N times typical
26h
4Ch
0000h
Max timeout for full chip erase 2^N times typical (00h = not
supported)
Table 7. Device Geometry Definition
Addresses
(Word mode)
Addresses
(Byte Mode)
Data
Description
27h
4Eh
0015h
Device Size = 2^N byte


Similar Part No. - EN29LV160B-70T

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160BB-70BIP EON-EN29LV160BB-70BIP Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160BB-70TIP EON-EN29LV160BB-70TIP Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160BT-70BIP EON-EN29LV160BT-70BIP Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160BT-70TIP EON-EN29LV160BT-70TIP Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV160B-70T

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com