Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5915B Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 1N5915B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5915B Datasheet(HTML) 4 Page - Pan Jit International Inc.

  1N5915B Datasheet HTML 1Page - Pan Jit International Inc. 1N5915B Datasheet HTML 2Page - Pan Jit International Inc. 1N5915B Datasheet HTML 3Page - Pan Jit International Inc. 1N5915B Datasheet HTML 4Page - Pan Jit International Inc. 1N5915B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
REV.0-MAR.23.2005
200
100
70
50
30
20
10
10
20
30
50
Vz, ZENER VOLTAGE (VOLTS)
0.5
1
2
5
10
20
50
100
200
500
1
2
5
1K
00
00
00
50
20
10
5
2
1
Iz, ZENER TEST CURRENT (mA)
Fig.4 Z
ener impedance v.s. zener current
0.1 0.20.3 0.5
12 3
5
10 20 30 50
100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
T
J
=25 C PRIOR
O
TO INTIAL PULSE
PW, PULSE WIDTH (ms)
Fig.6 Maximum Surge Power
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
3
4
00
6
50
0
70
100
I
Z
(dc)=1mA
I
Z
(rms)=0.1I
Z
(dc)
10mA
20mA
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Z
ener impedance v.s. zener voltage
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100
120 140 150 180
LEAD TEMPERATURE, C
O
Fig.1 Steady State Power Derating
V , ZENER VOLTAGE (VOLTS)
Z
8
6
4
2
0
-2
-4
24
68
10
10
12
V
Z
@I
ZT
Fig.2 T
emperature coeeficient v.s. zener voltage,Vz(V)
Fig.3 T
emperature coeeficient v.s. zener voltage,Vz(V)
V
Z
@I
ZT
ms
0 1I
1 I
Z
T
J
=2
= 25 C
I
Z
(r
)=
) = .
(dc)
O
12V
22V
6.8 V


Similar Part No. - 1N5915B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5915B JGD-1N5915B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5915B SUNMATE-1N5915B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5915B MICROSEMI-1N5915B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5915B CENTRAL-1N5915B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Similar Description - 1N5915B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com