Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5934 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SMB5934
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB5934 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SMB5934 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB5934 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB5934 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB5934 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-NOV.05.2004
200
100
70
50
30
20
10
10
20
30
50
Vz, ZENER VOLTAGE (VOLTS)
22V
12V
6.8V
0.5
1
2
5
10
20
50
100 200
500
1K
500
200
100
50
20
10
5
2
1
T
J
=25 C
I
Z
(rms) =0.1 I (dc)
O
Z
Iz, ZENER TEST CURRENT (mA)
Fig.4 Z
ener impedance v.s. zener current
0.1 0.20.3 0.5
12 3
5
10 20 30 50
100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
T
J
=25 C PRIOR
O
TO INTIAL PULSE
PW, PULSE WIDTH (ms)
Fig.6 Maximum Surge Power
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
3
4
00
6
50
0
70
100
I
Z
(dc)=1mA
I
Z
(rms)=0.1I
Z
(dc)
10mA
20mA
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Z
ener impedance v.s. zener voltage
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100
120 140 150 180
LEAD TEMPERATURE, C
O
Fig.1 Steady State Power Derating
V , ZENER VOLTAGE (VOLTS)
Z
8
6
4
2
0
-2
-4
24
68
10
10
12
V
Z
@I
ZT
Fig.2 T
emperature coeeficient v.s. zener voltage,Vz(V)
Fig.3 T
emperature coeeficient v.s. zener voltage,Vz(V)
V
Z
@I
ZT


Similar Part No. - 1SMB5934

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5934 MOTOROLA-1SMB5934 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
Pan Jit International I...
1SMB5934 PANJIT-1SMB5934 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5934 TRSYS-1SMB5934 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
ON Semiconductor
1SMB5934 ONSEMI-1SMB5934 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
logo
Taiwan Semiconductor Co...
1SMB5934 TSC-1SMB5934 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMB5934

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com