Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5947B Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1N5947B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5947B Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1N5947B Datasheet HTML 1Page - Pan Jit International Inc. 1N5947B Datasheet HTML 2Page - Pan Jit International Inc. 1N5947B Datasheet HTML 3Page - Pan Jit International Inc. 1N5947B Datasheet HTML 4Page - Pan Jit International Inc. 1N5947B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
REV.0-MAR.23.2005
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
m
u
m
i
x
a
M
m
u
m
i
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
V Z @IZT
ZZT @IZT
ZZK @IZK
IR
VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
s
m
h
O
A
m
s
m
h
O
A
m
µA
V
B
2
5
9
5
N
1
0
3
1
5
.
3
2
1
5
.
6
3
1
0
5
4
9
.
2
0
0
0
5
5
2
.
0
5
.
0
8
.
8
9
B
3
5
9
5
N
1
0
5
1
5
.
2
4
1
5
.
7
5
1
0
0
6
5
.
2
0
0
0
6
5
2
.
0
5
.
0
4
1
1
B
4
5
9
5
N
1
0
6
1
2
5
1
8
6
1
0
0
7
3
.
2
0
0
5
6
5
2
.
0
5
.
0
6
.
1
2
1
B
5
5
9
5
N
1
0
8
1
1
7
1
9
8
1
0
0
9
1
.
2
0
0
0
7
5
2
.
0
5
.
0
8
.
6
3
1
B
6
5
9
5
N
1
0
0
2
0
9
1
0
1
2
0
0
2
1
9
.
1
0
0
0
8
5
2
.
0
5
.
0
2
5
1


Similar Part No. - 1N5947B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5947B PANJIT-1N5947B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5947B CENTRAL-1N5947B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5947B TRSYS-1N5947B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Frontier Electronics.
1N5947B FRONTIER-1N5947B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
1N5947B JGD-1N5947B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5947B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com