Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5952B Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N5952B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5952B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N5952B Datasheet HTML 1Page - Pan Jit International Inc. 1N5952B Datasheet HTML 2Page - Pan Jit International Inc. 1N5952B Datasheet HTML 3Page - Pan Jit International Inc. 1N5952B Datasheet HTML 4Page - Pan Jit International Inc. 1N5952B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0-MAR.23.2005
DATA SHEET
1N5913B~1N5956B
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Pb free product are available : 99% Sn can meet RoHS environment
substance directive request
MECHANICALDATA
Case: JEDEC DO-41,Molded plastic over passivated junction.
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode)
Standard packing: 52mm tape
Weight: 0.012 ounce, 0.3 gram
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
NOTES:
1.Mounted on 5.0mm2 (.013mm thick) land areas.
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
VOLTAGE
3.3 to 200 Volts
POWER
1.5 Watts
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
D
A
5
7
=
O
h
t
g
n
e
L
d
a
e
L
o
r
e
Z
t
a
e
r
u
s
a
e
M
,
C
5
7
e
v
o
b
a
e
t
a
r
e
D
O
)
1
E
T
O
N
(
C
PD
5
.
1
s
t
t
a
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ ,TSTG
0
5
1
+
o
t
0
5
-
OC


Similar Part No. - 1N5952B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5952B PANJIT-1N5952B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5952B CENTRAL-1N5952B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5952B TRSYS-1N5952B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5952B NJSEMI-1N5952B Datasheet
79Kb / 1P
   REF / REG DIODE, 1W
logo
Jinan Gude Electronic D...
1N5952B JGD-1N5952B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5952B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com