Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1SSU421560200 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # CB1SSU421560200
Description  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1SSU421560200 Datasheet(HTML) 3 Page - Bookham, Inc.

  CB1SSU421560200 Datasheet HTML 1Page - Bookham, Inc. CB1SSU421560200 Datasheet HTML 2Page - Bookham, Inc. CB1SSU421560200 Datasheet HTML 3Page - Bookham, Inc. CB1SSU421560200 Datasheet HTML 4Page - Bookham, Inc. CB1SSU421560200 Datasheet HTML 5Page - Bookham, Inc. CB1SSU421560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
3
-30
-25
-20
-15
-10
-5
0
1552
1553
1554
1555
1556
Wavelength (nm)
Transmission (-5C)
Reflection (-5C)
Transmission (70C)
Reflection (70C)
Transmission (25C)
Reflection (25C)
Example Applications and Performance
Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C
4 skip 0
4 skip 0
4 Channel
Demux
Add
4 Channel
Mux
Drop
Banded OADM
4 skip 0
4 skip 0
4 skip 0
4 skip 0
Banded Mux/Demux


Similar Part No. - CB1SSU421560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SSU421560200 BOOKHAM-CB1SSU421560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1SSU421560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com