Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV800AB-90TCP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN29LV800AB-90TCP
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV800AB-90TCP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN29LV800AB-90TCP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV800AB-90TCP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN29LV800A
TABLE 2A. TOP BOOT BLOCK SECTOR ARCHITECTURE
ADDRESS RANGE
Sector
(X16)
(X8)
SECTOR
SIZE
(Kbytes /
Kwords)
A18
A17
A16
A15
A14
A13
A12
18
7E000h-7FFFFh
FC000h-FFFFFh
16/8
1
1
1
1
1
1
X
17
7D000h-7DFFFh
FA000h-FBFFFh
8/4
1
1
1
1
1
0
1
16
7C000h-7CFFFh
F8000h-F9FFFh
8/4
1
1
1
1
1
0
0
15
78000h-7BFFFh
F0000h – F7FFFh
32/16
1
1
1
1
0
X
X
14
70000h-77FFFh
E0000h - EFFFFh
64/32
1
1
1
0
X
X
X
13
68000h-6FFFFh
D0000h - DFFFFh
64/32
1
1
0
1
X
X
X
12
60000h-6FFFFh
C0000h - CFFFFh
64/32
1
1
0
0
X
X
X
11
58000h-5FFFFh
B0000h - BFFFFh
64/32
1
0
1
1
X
X
X
10
50000h-57FFFh
A0000h - AFFFFh
64/32
1
0
1
0
X
X
X
9
48000h-4FFFFh
90000h - 9FFFFh
64/32
1
0
0
1
X
X
X
8
40000h-47FFFh
80000h - 8FFFFh
64/32
1
0
0
0
X
X
X
7
38000h-3FFFFh
70000h - 7FFFFh
64/32
0
1
1
1
X
X
X
6
30000h-37FFFh
60000h - 6FFFFh
64/32
0
1
1
0
X
X
X
5
28000h-2FFFFh
50000h – 5FFFFh
64/32
0
1
0
1
X
X
X
4
20000h-27FFFh
40000h – 4FFFFh
64/32
0
1
0
0
X
X
X
3
18000h-1FFFFh
30000h – 3FFFFh
64/32
0
0
1
1
X
X
X
2
10000h-17FFFh
20000h - 2FFFFh
64/32
0
0
1
0
X
X
X
1
08000h-0FFFFh
10000h - 1FFFFh
64/32
0
0
0
1
X
X
X
0
00000h-07FFFh
00000h - 0FFFFh
64/32
0
0
0
0
X
X
X
Rev. C, Issue Date: 2005/01/10


Similar Part No. - EN29LV800AB-90TCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RS EON-EN29LV800B70RS Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSI EON-EN29LV800B70RSI Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSIP EON-EN29LV800B70RSIP Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV800AB-90TCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com