Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV640TT-90BI Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29LV640TT-90BI
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV640TT-90BI Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29LV640TT-90BI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29LV640TT-90BI Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29LV640T/B
Rev. B, Issue Date: 2007/05/16
SA102
1011111xxx
64/32
5F0000–5FFFFF
2F8000–2FFFFF
SA103
1100000xxx
64/32
600000–60FFFF
300000–307FFF
SA104
1100001xxx
64/32
610000–61FFFF
308000–30FFFF
SA105
1100010xxx
64/32
620000–62FFFF
310000–317FFF
SA106
1100011xxx
64/32
630000–63FFFF
318000–31FFFF
SA107
1100100xxx
64/32
640000–64FFFF
320000–327FFF
SA108
1100101xxx
64/32
650000–65FFFF
328000–32FFFF
SA109
1100110xxx
64/32
660000–66FFFF
330000–337FFF
SA110
1100111xxx
64/32
670000–67FFFF
338000–33FFFF
SA111
1101000xxx
64/32
680000–68FFFF
340000–347FFF
SA112
1101001xxx
64/32
690000–69FFFF
348000–34FFFF
SA113
1101010xxx
64/32
6A0000–6AFFFF
350000–357FFF
SA114
1101011xxx
64/32
6B0000–6BFFFF
358000–35FFFF
SA115
1101100xxx
64/32
6C0000–6CFFFF
360000–367FFF
SA116
1101101xxx
64/32
6D0000–6DFFFF
368000–36FFFF
SA117
1101110xxx
64/32
6E0000–6EFFFF
370000–377FFF
SA118
1101111xxx
64/32
6F0000–6FFFFF
378000–37FFFF
SA119
1110000xxx
64/32
700000–70FFFF
380000–387FFF
SA120
1110001xxx
64/32
710000–71FFFF
388000–38FFFF
SA121
1110010xxx
64/32
720000–72FFFF
390000–397FFF
SA122
1110011xxx
64/32
730000–73FFFF
398000–39FFFF
SA123
1110100xxx
64/32
740000–74FFFF
3A0000–3A7FFF
SA124
1110101xxx
64/32
750000–75FFFF
3A8000–3AFFFF
SA125
1110110xxx
64/32
760000–76FFFF
3B0000–3B7FFF
SA126
1110111xxx
64/32
770000–77FFFF
3B8000–3BFFFF
SA127
1111000xxx
64/32
780000–78FFFF
3C0000–3C7FFF
SA128
1111001xxx
64/32
790000–79FFFF
3C8000–3CFFFF
SA129
1111010xxx
64/32
7A0000–7AFFFF
3D0000–3D7FFF
SA130
1111011xxx
64/32
7B0000–7BFFFF
3D8000–3DFFFF
SA131
1111100xxx
64/32
7C0000–7CFFFF
3E0000–3E7FFF
SA132
1111101xxx
64/32
7D0000–7DFFFF
3E8000–3EFFFF
SA133
1111110xxx
64/32
7E0000–7EFFFF
3F0000–3F7FFF
SA134
1111111xxx
64/32
7F0000–7FFFFF
3F8000–3FFFFF
Note
: The address bus is A21:A-1 in byte mode where BYTE# = V
B
ILB or A20:A0 in word mode where
BYTE# = V
B
IHB


Similar Part No. - EN29LV640TT-90BI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90BIP EON-EN29LV640AB-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90TIP EON-EN29LV640AB-90TIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AT-90BIP EON-EN29LV640AT-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV640TT-90BI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com