Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM50BU-24H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM50BU-24H
Description  Four IGBTMOD??U-Series Module 50 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM50BU-24H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM50BU-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM50BU-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM50BU-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM50BU-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CM50BU-24H
Four IGBTMOD™ U-Series Module
50 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM50BU-24H
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
1200
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
50
Amperes
Peak Collector Current (Tj ≤ 150°C)
ICM
100*
Amperes
Emitter Current** (Tc = 25°C)
IE
50
Amperes
Peak Emitter Current**
IEM
100*
Amperes
Maximum Collector Dissipation (Tc = 25°C)
Pc
400
Watts
Mounting Torque, M4 Main Terminal
15
in-lb
Mounting Torque, M5 Mounting
31
in-lb
Weight
390
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Voltage
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 5.0mA, VCE = 10V
4.5
6
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 50A, VGE = 15V, Tj = 25°C
2.9
3.7
Volts
IC = 50A, VGE = 15V, Tj = 125°C
2.85
Volts
Total Gate Charge
QG
VCC = 600V, IC = 50A, VGE = 15V
187
nC
Emitter-Collector Voltage*
VEC
IE = 50A, VGE = 0V
3.2
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
7.5
nf
Output Capacitance
Coes
VCE = 10V, VGE = 0V
2.6
nf
Reverse Transfer Capacitance
Cres
1.5
nf
Resistive
Turn-on Delay Time
td(on)
VCC = 600V, IC = 50A,
80
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
200
ns
Switch
Turn-off Delay Time
td(off)
RG = 6.3 , Resistive
150
ns
Times
Fall Time
tf
Load Switching Operation
350
ns
Diode Reverse Recovery Time
trr
IE = 50A, diE/dt = -100A/µs
300
ns
Diode Reverse Recovery Charge
Qrr
IE = 50A, diE/dt = -100A/µs
0.28
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT 1/4 Module
0.31
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWDi 1/4 Module
0.7
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.1
°C/W
2


Similar Part No. - CM50BU-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50BU24H POWEREX-CM50BU24H Datasheet
170Kb / 4P
   Four IGBTMOD U-Series Module 50 Amperes/1200 Volts
More results

Similar Description - CM50BU-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50BU24H POWEREX-CM50BU24H Datasheet
170Kb / 4P
   Four IGBTMOD U-Series Module 50 Amperes/1200 Volts
CM50DU-24H POWEREX-CM50DU-24H Datasheet
312Kb / 4P
   Dual IGBTMOD??U-Series Module 50 Amperes/1200 Volts
CM400DU-24H POWEREX-CM400DU-24H Datasheet
77Kb / 4P
   Dual IGBTMOD??U-Series Module 400 Amperes/1200 Volts
CM75BU12H POWEREX-CM75BU12H Datasheet
165Kb / 4P
   Four IGBTMOD U-Series Module 75 Amperes/600 Volts
CM50TL-24NF POWEREX-CM50TL-24NF Datasheet
536Kb / 4P
   Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
CM50E3U-24H POWEREX-CM50E3U-24H Datasheet
60Kb / 4P
   Chopper IGBTMOD 50 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM50TU-24H POWEREX-CM50TU-24H Datasheet
78Kb / 4P
   Six IGBTMOD 50 Amperes/1200 Volts
CM1200HA-24J POWEREX-CM1200HA-24J Datasheet
75Kb / 4P
   Single IGBTMOD??H-Series Module 1200 Amperes/1200 Volts
CM50RL-24NF POWEREX-CM50RL-24NF Datasheet
570Kb / 6P
   Six IGBTMOD Brake NF-Series Module 50 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com