Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE83139 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83139
Description  8-BIT MICRO-CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83139 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

  HE83139 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83139 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
HE83139
HE80000 SERIES
9
V1.0
I. Important Note
1.
Please always take in mind that ICE is different from IC which is your target body. ICE is the whole
set of HE80000 series IC, but each IC is a subset of ICE. Never use any hardware resource that your
target IC didn't have these resources, especially RAM and register. KBIDS and compiler cannot
prevent user to use some hardware resources that don’t exist in your target IC. Please check the
following table and refer to the abbreviation in HE80000 user's manual.
I.F.C. E.S.C. I.P.R PROM
DROM
TP
TP+1 RAM
PP
DP
I/O
DTMF WDT
Timer
64KB
16-bit
2KB 3-bit 8-bit
16
T1,T2
VO DAO OP PWM
LCD
COM*SEG
Bias Rgr ChrgPmp
LV2 LR LVG REC S.R.
512
16*32
1/5
1,3/2
4:0
Ext.
I
2.
LCD driving circuit must be turn off before IC goes into sleep mode.
3.
Please bonds the TSTP_P, RSTP_N and PRTD [7:0] with test points on PCB (can be soldered and
probed) as you can, then some testing can be performed on PCB if necessary. The TSTP_P is
suggested to connect to ground by a 0 ohm resistor. The following figure is an example (Testing
point with through hole).
4.
J. Updated Record
Version
Date
Section
Original Content
New Content


Similar Part No. - HE83139

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83130 KB-HE83130 Datasheet
262Kb / 8P
   8-BIT MICRO-CONTROLLER
HE83131 KB-HE83131 Datasheet
261Kb / 8P
   8-BIT MICRO-CONTROLLER
HE83132 KB-HE83132 Datasheet
275Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83133 KB-HE83133 Datasheet
281Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83134 KB-HE83134 Datasheet
273Kb / 11P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83139

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com