Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C4V7 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # AZ23C4V7
Description  DUAL SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AZ23C4V7 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  AZ23C4V7 Datasheet HTML 1Page - Pan Jit International Inc. AZ23C4V7 Datasheet HTML 2Page - Pan Jit International Inc. AZ23C4V7 Datasheet HTML 3Page - Pan Jit International Inc. AZ23C4V7 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-NOV.30.2006
AZ23C2V4 SERIES
0
0
100
200
100
200
300
400
Fig.1 POWER DERATING CURVE
Fig.2 ZENER BREAKDOWN CHARACTERISTICS
Fig.4 ZENER BREAKDOWN CHARACTERISTICS
Fig.5 TOTAL CAPACITANCE VS NOMINAL ZENER VOLTAGE
Fig.3 ZENER BREAKDOWN CHARACTERISTICS
T , AMBIENT TEMPERATURE, ( C)
A
O
0
0
1234
5678
910
10
20
30
40
50
Vz, ZENER VOLTAGE(V)
Vz, ZENER VOLTAGE(V)
Vz, NOMINAL ZENER VOLTAGE(V)
Vz, ZENER VOLTAGE(V)
0
0
10203040
50607080
90100
2
4
6
8
10
0
0
10203040
10
20
30
110
10
100
100
1000
T=25 C
J
O
T=25 C
J
O
Tj=25 C
O
Test Current Iz
5.0mA
Test Current Iz
5mA
Test Current Iz
5mA
C3V9
C6V8
C5V6
C4V7
C2V7
C3V3
C8V2
C51
C47
C43
C39
C10
C12
C15
C18
C22
C27
C33
C36
V= 1V
R
V= 1V
R
V= 2V
R
V= 2V
R
T=25 C
J
O
C2V4


Similar Part No. - AZ23C4V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C4V7 VISHAY-AZ23C4V7 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C4V7 JIANGSU-AZ23C4V7 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C4V7 DIODES-AZ23C4V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Diode Semiconductor Kor...
AZ23C4V7 DSK-AZ23C4V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C4V7 DIODES-AZ23C4V7 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C4V7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AZ23C2V4 PANJIT-AZ23C2V4_08 Datasheet
139Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
DZ23C2V4 PANJIT-DZ23C2V4 Datasheet
183Kb / 4P
   DUAL SURFACE MOUNT ZENER DIODES
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_07 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0 Datasheet
126Kb / 2P
   Dual Surface Mount Silicon Planar Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diotec Semiconductor
2BZX84C3V0 DIOTEC-2BZX84C3V0_15 Datasheet
117Kb / 2P
   Surface mount Silicon Planar Dual Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com