Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1RFU421553329 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # CB1RFU421553329
Description  PON Filter for FTTx 1310/1490/1550nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1RFU421553329 Datasheet(HTML) 3 Page - Bookham, Inc.

  CB1RFU421553329 Datasheet HTML 1Page - Bookham, Inc. CB1RFU421553329 Datasheet HTML 2Page - Bookham, Inc. CB1RFU421553329 Datasheet HTML 3Page - Bookham, Inc. CB1RFU421553329 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
3
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
1525
1535
1545
1555
1565
1575
Wavelength (nm)
Transmission Response
Parameter
Min
Nominal
Max
Unit
1.1a
Diameter (for H package)
4.1
4.2
4.3
mm
1.1b
Diameter (for S package)
5.4
5.5
5.6
mm
1.1c
Diameter (for C package)
3.17
3.2
3.23
mm
1.2
Length without boots (for S package)
32.0
35
40.0
mm
1.3a
Over-all Length (for H package)
25.0
26.5
28.0
mm
1.3b
Over-all Length (for S package)
41.0
51
63.0
mm
1.3c
Over-all Length (for C package)
35.5
36.5
37.5
mm
Component Dimensions
Table 1. Mechanical Specifications.


Similar Part No. - CB1RFU421553329

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1RFU4215533290653 BOOKHAM-CB1RFU4215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
More results

Similar Description - CB1RFU421553329

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Bookham, Inc.
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
   FTTx Filter Chips
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com