Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1ZFU421553329 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # CB1ZFU421553329
Description  PON Filter for FTTx 1310/1490/1550nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1ZFU421553329 Datasheet(HTML) 1 Page - Bookham, Inc.

  CB1ZFU421553329 Datasheet HTML 1Page - Bookham, Inc. CB1ZFU421553329 Datasheet HTML 2Page - Bookham, Inc. CB1ZFU421553329 Datasheet HTML 3Page - Bookham, Inc. CB1ZFU421553329 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
Bookham filters leverage the proprietary Advanced Energetic
Deposition (AED) process to produce the industry’s best PON
filter solutions. The AED process features state-of-the-art layer
thickness control to produce thin-film interference filters that
are unparalleled for FTTx WDM applications.
Passive Optical Network (PON) designs deliver the Triple Play
of voice, data and video to customers in FTTx access
networks. The flat passband design of Bookham’s filters allow
for the best performance in video transmission while the deep
reflection notch improves the isolation of 1550nm signals from
the 1310nm return signal and 1490nm downstream data.
Similar filters are available from Bookham centered at 1490nm
and 1310nm. This filter can be used at both the Optical Line
Termination (OLT) at the central office and the Optical Network
Unit (ONU) on the customer side.
Standard 5.5mm diameter packaging is available with the
boot/length specification needed to meet your application.
The optional compact packaging has diameter of only 3.2mm.
All Bookham filter components are Telcordia GR-1221
qualified and RoHS compliant.
Features:
• Flat passband design
• Deep reflection notch
• >40dB isolation at 1490nm and 1310nm
• 4.6THz clear channel allocation
• Excellent temperature stability
• GR-1221 qualified
• RoHS compliant
Options:
• -40 to 85ºC operating temp
• Compact packaging: 3.2mm diameter
• Rugged packaging
Applications:
• Metro/Access WDM systems
• B-PON / G-PON / GE-PON
• FTTH / FTTP / FTTC
PON Filter for FTTx 1310/1490/1550nm


Similar Part No. - CB1ZFU421553329

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1ZFU4215533290653 BOOKHAM-CB1ZFU4215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
More results

Similar Description - CB1ZFU421553329

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Bookham, Inc.
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
   FTTx Filter Chips
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com