Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP60A Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 15KP60A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

15KP60A Datasheet(HTML) 2 Page - Pan Jit International Inc.

  15KP60A Datasheet HTML 1Page - Pan Jit International Inc. 15KP60A Datasheet HTML 2Page - Pan Jit International Inc. 15KP60A Datasheet HTML 3Page - Pan Jit International Inc. 15KP60A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-JUN.23.2004
R
E
B
M
U
N
T
R
A
PV
M
W
R
VR
BI
@T
M
W
R
V
@
R
I
P
P
I
@
C
V
.
N
I
M.
X
A
MIT
-
I
N
U-
I
B
-
I
N
U-
I
BV
V
V
A
MA
UA
UV
A
R
O
S
S
E
R
P
P
U
S
E
G
A
T
L
O
V
T
N
E
I
S
N
A
R
T
W
0
0
0
5
1
7
1
J
P
K
5
1C
7
1
J
P
K
5
17
10
9
.
8
10
9
.
3
20
50
0
0
50
0
0
55
.
0
30
2
5
A
7
1
P
K
5
1A
C
7
1
P
K
5
17
10
9
.
8
10
7
.
1
20
50
0
0
50
0
0
56
.
7
23
4
5
8
1
P
K
5
1C
8
1
P
K
5
18
10
0
.
0
20
3
.
5
20
50
0
0
50
0
0
52
.
2
39
3
4
A
8
1
P
K
5
1A
C
8
1
P
K
5
18
10
0
.
0
20
3
.
3
20
50
0
0
50
0
0
52
.
9
25
8
4
0
2
P
K
5
1C
0
2
P
K
5
10
20
2
.
2
20
1
.
8
20
20
0
5
10
0
5
18
.
5
36
9
3
A
0
2
P
K
5
1A
C
0
2
P
K
5
10
20
2
.
2
20
5
.
5
20
20
0
5
10
0
5
14
.
2
37
3
4
2
2
P
K
5
1C
2
2
P
K
5
12
20
4
.
4
20
9
.
0
30
10
0
90
0
94
.
9
35
6
3
A
2
2
P
K
5
1A
C
2
2
P
K
5
12
20
4
.
4
20
0
.
8
20
10
0
90
0
95
.
5
34
0
4
4
2
P
K
5
1C
4
2
P
K
5
14
20
7
.
6
20
8
.
3
30
.
50
0
80
0
80
.
3
43
3
3
A
4
2
P
K
5
1A
C
4
2
P
K
5
14
20
7
.
6
20
7
.
0
30
.
50
0
80
0
89
.
8
39
6
3
6
2
P
K
5
1C
6
2
P
K
5
16
20
9
.
8
20
6
.
6
30
.
50
0
20
0
26
.
6
48
0
3
A
6
2
P
K
5
1A
C
6
2
P
K
5
16
20
9
.
8
20
2
.
3
30
.
50
0
20
0
21
.
2
41
4
3
8
2
P
K
5
1C
8
2
P
K
5
18
20
1
.
1
30
4
.
9
30
.
55
2
15
2
10
.
0
56
8
2
A
8
2
P
K
5
1A
C
8
2
P
K
5
18
20
1
.
1
30
8
.
5
30
.
55
2
15
2
14
.
5
46
1
3
0
3
P
K
5
1C
0
3
P
K
5
10
30
3
.
3
30
2
.
2
40
.
58
28
25
.
3
57
6
2
A
0
3
P
K
5
1A
C
0
3
P
K
5
10
30
3
.
3
30
3
.
8
30
.
58
28
24
.
8
46
9
2
3
3
P
K
5
1C
3
3
P
K
5
13
30
7
.
6
30
5
.
6
40
.
50
10
10
.
9
58
4
2
A
3
3
P
K
5
1A
C
3
3
P
K
5
13
30
7
.
6
30
2
.
2
40
.
50
10
13
.
3
54
7
2
6
3
P
K
5
1C
6
3
P
K
5
16
30
0
.
0
40
7
.
0
50
.
50
10
13
.
4
67
2
2
A
6
3
P
K
5
1A
C
6
3
P
K
5
16
30
0
.
0
40
0
.
6
40
.
50
10
11
.
8
51
5
2
0
4
P
K
5
1C
0
4
P
K
5
10
40
4
.
4
40
3
.
6
50
.
50
10
14
.
1
76
0
2
A
0
4
P
K
5
1A
C
0
4
P
K
5
10
40
4
.
4
40
1
.
1
50
.
50
10
15
.
4
68
2
2
3
4
P
K
5
1C
3
4
P
K
5
13
40
8
.
7
40
5
.
0
60
.
50
10
17
.
6
75
9
1
A
3
4
P
K
5
1A
C
3
4
P
K
5
13
40
8
.
7
40
9
.
4
50
.
50
10
14
.
9
65
1
2
5
4
P
K
5
1C
5
4
P
K
5
15
40
0
.
0
50
3
.
3
60
.
50
10
13
.
0
86
8
1
A
5
4
P
K
5
1A
C
5
4
P
K
5
15
40
0
.
0
50
5
.
7
50
.
50
10
17
.
2
75
0
2
8
4
P
K
5
1C
8
4
P
K
5
18
40
3
.
3
50
5
.
7
60
.
50
10
15
.
5
85
7
1
A
8
4
P
K
5
1A
C
8
4
P
K
5
18
40
3
.
3
50
3
.
1
60
.
50
10
14
.
7
73
9
1
1
5
P
K
5
1C
1
5
P
K
5
11
50
7
.
6
50
8
.
1
70
.
50
10
11
.
1
94
6
1
A
1
5
P
K
5
1A
C
1
5
P
K
5
11
50
7
.
6
50
2
.
5
60
.
50
10
14
.
2
81
8
1
4
5
P
K
5
1C
4
5
P
K
5
14
50
0
.
0
60
0
.
6
70
.
50
10
13
.
6
95
5
1
A
4
5
P
K
5
1A
C
4
5
P
K
5
14
50
0
.
0
60
0
.
9
60
.
50
10
11
.
7
81
7
1
8
5
P
K
5
1C
8
5
P
K
5
18
50
4
.
4
60
6
.
1
80
.
50
10
13
0
14
4
1
A
8
5
P
K
5
1A
C
8
5
P
K
5
18
50
4
.
4
60
1
.
4
70
.
50
10
16
.
3
90
6
1
0
6
P
K
5
1C
0
6
P
K
5
10
60
7
.
6
60
5
.
4
80
.
50
10
17
0
10
4
1
A
0
6
P
K
5
1A
C
0
6
P
K
5
10
60
7
.
6
60
7
.
6
70
.
50
10
18
.
6
94
5
1


Similar Part No. - 15KP60A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP60A EIC-15KP60A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP60A ETC2-15KP60A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP60A MICROSEMI-15KP60A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP60A SUNMATE-15KP60A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP60A LITTELFUSE-15KP60A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP60A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com