Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G761B Datasheet(PDF) 3 Page - King blillion Electronics Co.,Ltd.

Part # HE84G761B
Description  8-BIT MICRO-CONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G761B Datasheet(HTML) 3 Page - King blillion Electronics Co.,Ltd.

  HE84G761B Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84G761B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
HE84G761B
HE80004 Series
April 25, 2005
3
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1. General Description
HE84G762B is a member of 8-bit Micro-controller series developed by King Billion Electronics.
External address and data buses are provided to access external memory. This chip has 4096 pixel, 16
gray-scale LCD driver built-in with 4 different configurations, and up to 34-bit general purpose I/O ports.
The built-in OP comparator can be used with light, voice, temperature and humility sensor or used to
detect the battery low. The 7/8 bits current-type D/A converter and PWM driver output provides the
complete speech output solutions. The 384K bytes ROM and 5K bytes RAM can be used for the storage
of large speech data, image and text, etc. An UART is included to provide the serial communication
capability. IR output makes it suitable for remote control applications.
The instruction sets of HE80000 series is easy to learn and simple to use. There are only thirty-two
instructions and four addressing modes. Most of instructions take only 3 oscillator clocks to complete.
The performance and low power consumption make it suitable for battery-powered applications such as
translator, data bank, educational toy, digital voice recorder, etc.
2. Features
Operation Voltage:
2.4V ~ 3.6V
Dual Clock System:
Fast clock
32768 Hz ~ 8 MHz
Slow clock
32768 Hz
Four operation modes: Fast, Slow, Idle, Sleep modes.
Internal Program ROM: 384K bytes
Internal RAM:
5 K bytes
External memory buses to interface external Mask ROM, EPROM, NOR FLASH memory, etc.
22 ~ 34 bi-directional general-purpose I/O ports with push-pull or Open-Drain output type
selectable for each I/O pin by mask option.
Up to 4096 pixels 16, 4 gray-scale or Black/White LCD driver.
Segment extender interface with KD83 and KD80.
4 LCD configurations (COM X SEG): 32 COM x 96 SEG, 48 COM x 80 SEG, 64 COM x 64
SEG, 80 COM x 48 SEG.
Built-in LCD power supply with regulator and 3, 4, and 5 times charge pump circuit.
One 7/8-bit current-type D/A converter.
One 7/8-bit PWM output.
One built-in OP comparator.
Built-in UART for serial communication.
IR output.
Low voltage reset: 2.2V
Low voltage detection: 2.4V, 2.6V, 2.8V and 3.0V
Two external interrupts, three internal timer interrupts and extension UART interrupt
Watch dog timer to prevent deadlock condition.
Two 16-bit timers and one time-base timer.
Instruction set: 32 instructions, 4 addressing mode.


Similar Part No. - HE84G761B

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE84G762B KB-HE84G762B Datasheet
572Kb / 60P
   8-BIT MICRO-CONTROLLER
HE84G763B KB-HE84G763B Datasheet
570Kb / 60P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - HE84G761B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com