Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8004QCP Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8004QCP
Description  3A, 4MHz, Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8004QCP Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8004QCP Datasheet HTML 4Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 5Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 6Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 7Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 8Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 9Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 10Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 11Page - Richtek Technology Corporation RT8004QCP Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT8004
8
DS8004-03
September 2007
www.richtek.com
Typical Operating Characteristics
Soft-Star Power On
VOUT
(1V/Div)
Time (2.5ms/Div)
IL
(1A/Div)
RLOAD = 0.83
Ω
VIN = 3.3V, VOUT = 2.5V
VSS
(1V/Div)
Ripple Voltage
VOUT
(10mV/Div)
Time (500ns/Div)
IL
(2A/Div)
VIN = 3.3V, VOUT = 2.5V, IOUT = 3A
VLX
(2V/Div)
Load Transien Response
VOUT
(50mV/Div)
Time (25
μs/Div)
IL
(1A/Div)
ILOAD = No Load to 3A
VIN = 3.3V, VOUT = 2.5V
Power Off
VOUT
(2V/Div)
Time (25ms/Div)
IL
(2A/Div)
VIN = 3.3V, VOUT = 2.5V, IOUT = 0A
VLX
(5V/Div)
VIN
(2V/Div)
Efficiency vs. Output Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
500
1000
1500
2000
2500
3000
Output Current (mA)
100
90
80
70
60
50
40
30
20
10
0
VOUT = 2.5V, 1M Continuous Mode Operation
VIN = 3.3V
VIN = 5V
Load Regulation
-0.20%
-0.10%
0.00%
0.10%
0.20%
0.30%
50
550
1050
1550
2050
2550
3050
Output Current (mA)
VIN = 3.3V, VOUT = 2.5V
0.30
0.20
0.10
0
-0.10
-0.20


Similar Part No. - RT8004QCP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
More results

Similar Description - RT8004QCP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
   2A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com