Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8004PQV Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8004PQV
Description  3A, 4MHz, Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8004PQV Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8004PQV Datasheet HTML 1Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 2Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 3Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 4Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 5Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 6Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 7Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 8Page - Richtek Technology Corporation RT8004PQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT8004
1
DS8004-03
September 2007
www.richtek.com
Features
High Efficiency : Up to 95%
Low Quiescent Current : 100
μμμμμA
Low RDS(ON) Internal Switches : 75m
Ω
Ω
Ω
Ω
Ω
Programmable Frequency : 300kHz to 4MHz
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Synchronizable Switching Frequency
Power Good Output Voltage Monitor
Over Temperature Protection
Thermally Enhanced SOP-16, TSSOP-16 (Exposed
Pad) and 16-Lead VQFN 4x4 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Portable Instruments
Battery-Powered Equipment
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
3A, 4MHz, Synchronous Step-Down Regulator
Ordering Information
General Description
The RT8004 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.65V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 3A of output current.
The internal power switch with 75m
Ω on-resistance
increases efficiency and eliminates the need for an external
Schottky diode. Switching frequency is set by an external
resistor or can be synchronized to an external clock. 100%
duty cycle provides low dropout operation extending
battery life in portable systems. External compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
The RT8004 operates in Forced Continuous Mode which
reduces noise and RF interference. 100% duty cycle in
Low Dropout Operation further maximize battery life.
(TOP VIEW)
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
VQFN-16L 4x4
RT8004
Package Type
S : SOP-16
CP : TSSOP-16 (Exposed Pad)
QV : VQFN-16L 4x4
(V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
17
COMP
LX
SYNC
RT
FB
LX
PGND
PGND
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND


Similar Part No. - RT8004PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
More results

Similar Description - RT8004PQV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
   2A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com