Part Name
         Description
RT8009

 1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter ( 13 Page)


RICHTEK
100% 
Zoom Out Zoom In
 6 page
background image
RT8009
6
DS8009-03 March 2007
www.richtek.com
Typical Operating Characteristics
Frequency vs. Temperature
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.8V
(
°C)
Load Regulation
1.770
1.775
1.780
1.785
1.790
1.795
1.800
1.805
1.810
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6
Load Current (A)
VIN = 3.3V
VIN = 5.5V
VIN = 2.5V
VOUT = 1.8V
Frequency vs. Input Voltage
1.14
1.16
1.18
1.20
1.22
1.24
1.26
2.5
2.8 3.1
3.4
3.7
4
4.3
4.6
4.9 5.2
5.5
Input Voltage (V)
VOUT = 1.8V
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.5 2.8
3.1 3.4
3.7
4
4.3
4.6 4.9
5.2 5.5
Input Voltage (V)
IOUT = 600mA
IOUT = 300mA
VOUT = 1.8V
Current Limit vs. Input Voltage
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.8V
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.11
0.21
0.31
0.41
0.51
0.61
Load Current (A)
VIN = 3.3V
VIN = 5V
VOUT = 1.8V
1  2  3  4  5  6  7  8  9  10  11  12  13 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT80081.5MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LTC1911-15Low Noise High Efficiency Inductorless Step-Down DC/DC Converter 1 2 3 4 5 MoreLinear Technology
LTC1174_06High Efficiency Step-Down and Inverting DC/DC Converter 1 2 3 4 5 MoreLinear Technology
R1232DPWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER 1 2 3 4 5 MoreRICOH electronics devices division
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
LM36681A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
UC3500HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited
AAT2511_0605Dual 600mA 1MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1147High Efficiency Low Noise Fast Transient 400mA Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl