Part Name
         Description
RT8009

 1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter ( 13 Page)


RICHTEK
100% 
Zoom Out Zoom In
 
 3 page
background image
RT8009
3
DS8009-03 March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Power Input.
2
GND
Ground.
3
EN
Chip Enable (Active High, do not leave EN pin floating, and VEN < VIN + 0.6V).
4
FB/VOUT
Feedback Input Pin.
5
LX
Pin for Switching.
COMP
RC
RS1
RS2
EN
VIN
LX
FB/VOUT
UVLO &
Power Good
Detector
V
REF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Zero
Detector
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND
1  2  3  4  5  6  7  8  9  10  11  12  13 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT80081.5MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LTC1911-15Low Noise High Efficiency Inductorless Step-Down DC/DC Converter 1 2 3 4 5 MoreLinear Technology
LTC1174_06High Efficiency Step-Down and Inverting DC/DC Converter 1 2 3 4 5 MoreLinear Technology
R1232DPWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER 1 2 3 4 5 MoreRICOH electronics devices division
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
LM36681A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
UC3500HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited
AAT2511_0605Dual 600mA 1MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1147High Efficiency Low Noise Fast Transient 400mA Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl