Part Name
         Description
RT8010

 1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter ( 15 Page)


RICHTEK
100% 
Zoom Out Zoom In
 6 page
background image
RT8010/A
6
DS8010/A-02 March 2007
www.richtek.com
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5
0.6 0.7
0.8 0.9
1
Output Current (A)
VOUT = 3.3V,
COUT = 4.7μF, L = 4.7μH
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5 0.6
0.7 0.8
0.9
1
Output Current (A)
VOUT = 1.2V,
COUT = 10μF, L = 2.2μH
VIN = 5.0V
VIN = 3.3V
VIN = 2.5V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5 0.6
0.7 0.8
0.9
1
Output Current (A)
VOUT = 1.2V,
COUT = 4.7μF, L = 4.7μH
VIN = 5.0V
VIN = 3.3V
VIN = 2.5V
UVLO Voltage vs.Temperature
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling
EN Pin Threshold vs. Input Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
2.8 3.1
3.4 3.7
4
4.3
4.6 4.9
5.2 5.5
Input Voltage (V)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling
EN Pin Threshold vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
VIN = 3.6V, VOUT = 1.2V,
IOUT = 0A
Rising
Falling
(
°C)
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT80081.5MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT80091.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LTC1174_06High Efficiency Step-Down and Inverting DC/DC Converter 1 2 3 4 5 MoreLinear Technology
LTC1911-15Low Noise High Efficiency Inductorless Step-Down DC/DC Converter 1 2 3 4 5 MoreLinear Technology
G5E2596M150 KHz 3A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
G5J2596M150 KHz 3A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
R5220XPWM Step-down DC/DC Converter with switch function 1 2 3 4 5 MoreRICOH electronics devices division
G5U2596M150 KHz 3A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl