Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8008-18PB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8008-18PB
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008-18PB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8008-18PB Datasheet HTML 1Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 2Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 3Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 4Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 5Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 6Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 7Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 8Page - Richtek Technology Corporation RT8008-18PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT8008
4
DS8008-04
March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
l
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 6.5V
l
Enable, FB Voltage ------------------------------------------------------------------------------------------------------VIN + 0.6V
l
Power Dissipation, PD @ TA = 25
°C
SOT-23-5, TSOT-23-5 --------------------------------------------------------------------------------------------------- 0.4W
l
Package Thermal Resistance (Note 4)
SOT-23-5, TSOT-23-5,
θJA ---------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5, TSOT-23-5,
θJC --------------------------------------------------------------------------------------------- 130°C/W
l
Junction Temperature Range ------------------------------------------------------------------------------------------ 150
°C
l
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
l
Storage Temperature Range -------------------------------------------------------------------------------------------
65°C to 150°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
µH, CIN = 4.7µF, COUT = 10µF, TA = 25°C, IMAX = 600mA unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
--
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
100
µA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
µA
Reference Voltage
VREF
For adjustable output voltage
0.588
0.6
0.612
V
Adjustable Output Range
VOUT
VREF
--
VIN − 0.2
V
∆VOUT
VIN = 2.2 to 5.5V, VOUT = 1.0V
0A < IOUT < 600mA
−3
--
+3
%
∆VOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V
0A < IOUT < 600mA
−3
--
+3
%
∆VOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V
0A < IOUT < 600mA
−3
--
+3
%
∆VOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V
0A < IOUT < 600mA
−3
--
+3
%
∆VOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V
0A < IOUT < 600mA
−3
--
+3
%
Fix
∆VOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V
0A < IOUT < 600mA
−3
--
+3
%
VIN = VOUT + 0.2V to 5.5V, VIN ≧ 3.5V
0A < IOUT < 600mA
−3
--
+3
%
Output Voltage
Accuracy
Adjustable
∆VOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧ 2.2V
0A < IOUT < 600mA
−3
--
+3
%
To be continued
Recommended Operating Conditions
(Note 3)
l
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.5V to 5.5V
l
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range ------------------------------------------------------------------------------------------
40°C to 85°C


Similar Part No. - RT8008-18PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
454Kb / 10P
   Evaluation Board
More results

Similar Description - RT8008-18PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com