Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP200A Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 3KP200A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP200A Datasheet(HTML) 4 Page - Pan Jit International Inc.

  3KP200A Datasheet HTML 1Page - Pan Jit International Inc. 3KP200A Datasheet HTML 2Page - Pan Jit International Inc. 3KP200A Datasheet HTML 3Page - Pan Jit International Inc. 3KP200A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-MAY.25.2007
3KP SREIES
Fig.1 PEAK PULSE POWER RATING VERSUS
PULSE TIME CURVE
Fig.2 PULSE DERATING CURVE
Fig.3 PULSE WAVEFORM
Fig.5 STEADY STATE POWER DERATING CURVE
Fig.6 MAXIMUN NON-REPETITEVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL
Fig.4 TYPICAL JUNCTION CAPACITANCE
td,PULSE WIDTH,usec
T,TIME,ms
T , LEAD TEMPERATURE, C
L
O
VRWM, Reverse Stand-off Voltage (V)
T ,AMBIENT TEMPERATURE, C
A
O
0.1
1.0
10
100
1000
10000
100
75
50
25
0
125
150
175
200
25
50
75
100
0
0
1.0
2.0
3.0
4.0
0
50
100
150
TA =25 C
Pulse Wid th (td ) is De fine d
a s the Point Where t he Pea k
Curre ntDe c a ysto5 0%o fIp p
tf= 10 u se c
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Pe a k Va lue
Ip p m
Ha lf Va lue -Ip p
2
e-kt
td
NUMBER OF CYC LES AT 60 Hz
40,000
20,000
10,000
6000
4000
2000
1000
500
200
100
1. 0
2. 0
5.0
10
20
50 10 0
200
10
5
Me a sure d a t
Sta n d - O ff
Vo lta g e (V
)
RWM
Tj= 2 5 C
f= 1 . 0 M HZ
Vsig = 5 0 m Vp -p
Me a sure d a t
Ze ro Bia s
Tj= Tj m a x
8.3m s SINGLE HALF sinc e -WAVE
JEDEC M ETHOD
400
350
300
250
200
150
100
1
2
3
5
10
20
30
50
100
100
10
1.0
0.1
No n-Re p e titve
Pulse Wa vefom
Sho wninFlg ure 3
TA= 25
OC
125
150
175
200
25
50
75
100
0
= 375"(9.5mm)
20mm 2 0mm 1 mm
(0.8" 0.8" 0.40")
8.0
6.0
4.0
2.0
0
PLEASE REFER THE TVS APPLICATION NOTE IN PANJIT WEBSITE
http://www.panjit.com/protection-transient-voltage-suppressors.html


Similar Part No. - 3KP200A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
3KP200A FORMOSA-3KP200A Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
3KP200A SPSEMI-3KP200A Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
Won-Top Electronics
3KP200A WTE-3KP200A Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
3KP200A SEMITECH-3KP200A Datasheet
500Kb / 4P
   Excellent clamping capability
logo
TAITRON Components Inco...
3KP200A TAITRON-3KP200A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
More results

Similar Description - 3KP200A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com