Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF23C4000 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # SF23C4000
Description  512K x 8 bit CMOS Mask Programmable ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

SF23C4000 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  SF23C4000 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. SF23C4000 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
King Billion Electronics Co., Ltd
駿
SF23C4000
August 27, 2003
Page 2 of 6
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
1 Function Description
The SF23C4000 is a fully static, 512K x 8 bit CMOS Mask Programmable ROM. This device operates in
wide operating range. It requires no external clock for its operation and suitable for use with
microprocessor program memory, and data memory (speech, graphic, etc).
2 Features
Voltage range 2.4V ~ 5.5V
Organization
-
Memory Cell Array: 512K x 8
Low Operation Current (Typical)
-
10
µA Standby mode Current
-
10mA Active Read Current
Fully static operation
Three state outputs
Package bare chip, PLCC32


Similar Part No. - SF23C4000

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
   32 Mbit CMOS Mask Programmable ROM
More results

Similar Description - SF23C4000

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
   131,072 x 8-Bit Mask-Programmable CMOS ROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
   131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
logo
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
   16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
logo
Hitachi Semiconductor
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
   524,288 X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com