Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8008-18PJ5 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8008-18PJ5
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008-18PJ5 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8008-18PJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT8008-18PJ5 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT8008
8
DS8008-04
March 2007
www.richtek.com
Power Off
Time (100
µs/Div)
IIN
(200mA/Div)
VOUT
(500mV/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 600mA
VEN
(2V/Div)


Similar Part No. - RT8008-18PJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
454Kb / 10P
   Evaluation Board
More results

Similar Description - RT8008-18PJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com