Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8101 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8101
Description  12V Synchronous Buck PWM DC-DC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8101 Datasheet HTML 1Page - Richtek Technology Corporation RT8101 Datasheet HTML 2Page - Richtek Technology Corporation RT8101 Datasheet HTML 3Page - Richtek Technology Corporation RT8101 Datasheet HTML 4Page - Richtek Technology Corporation RT8101 Datasheet HTML 5Page - Richtek Technology Corporation RT8101 Datasheet HTML 6Page - Richtek Technology Corporation RT8101 Datasheet HTML 7Page - Richtek Technology Corporation RT8101 Datasheet HTML 8Page - Richtek Technology Corporation RT8101 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Function Block Diagram
Driver
Logic
GND
LGATE
BOOT
UGATE
PHASE
OC
PH_M
Soft-Start
&
Fault Logic
Oscillator
Power On
Reset (POR)
VCC
Bias
Voltage
Reference
1.5V
5VDD
EA
UV
+
-
+
-
+
PWM
+
-
+
+
-
POR
INHIBIT
SS
SSE
5V
Regulator
FB
0.8V
0.4V
0.8V
COMP
Enable
0.4V
30uA
21.6k


Similar Part No. - RT8101

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT810 LRC-RT810 Datasheet
57Kb / 2P
   AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8101

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
   12V/9A Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com