Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8101PS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8101PS
Description  12V Synchronous Buck PWM DC-DC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101PS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8101PS Datasheet HTML 1Page - Richtek Technology Corporation RT8101PS Datasheet HTML 2Page - Richtek Technology Corporation RT8101PS Datasheet HTML 3Page - Richtek Technology Corporation RT8101PS Datasheet HTML 4Page - Richtek Technology Corporation RT8101PS Datasheet HTML 5Page - Richtek Technology Corporation RT8101PS Datasheet HTML 6Page - Richtek Technology Corporation RT8101PS Datasheet HTML 7Page - Richtek Technology Corporation RT8101PS Datasheet HTML 8Page - Richtek Technology Corporation RT8101PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
RT8101/A
Preliminary
DS8101/A-01 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
U nits
Ramp Amplitude
ΔVOSC
VCC = 12V
--
1.5
--
VP-P
Reference Voltage
PWM Error Amplifier Reference
VREF
0.792
0.8
0.808
V
Error Amplifier
Open Loop DC Gain
AO
--
88
--
dB
Gain-Bandwidth Product
GBW
--
15
--
MH z
Slew R ate
SR
--
6
--
V/us
PWM Controller Gate Drivers (VCC = 12V)
Upper Gate Source
IUGATE
VBOOT − VPHASE = 12V,
VBOOT − VUGATE = 6V
--
300
--
mA
Upper Gate Source
RUGATE
VBOOT − VPHASE = 12V,
VBOOT − VUGATE = 1V
--
7
10
Ω
Upper Gate Sink
RUGATE
VBOOT − VPHASE = 12V,
VUGATE − VPHASE = 1V
--
4
8
Ω
Lower Gate Source
ILGATE
VCC = 12V, VLGATE = 6V
--
500
--
mA
Lower Gate Source
RLGATE
VCC − VLGATE = 1V
--
4
6
Ω
Lower Gate Sink
RLGATE
VLGATE = 1V
--
2
4
Ω
Protection
Under Voltage Protection
Measuring VFB
0.3
0.4
0.5
V
Over C urrent Threshold
VOC
Measuring VPHASE
−210 −250 −290
mV
Soft-Start Interval
TSS
2
3.2
4.2
ms
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective 4-layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.


Similar Part No. - RT8101PS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT810 LRC-RT810 Datasheet
57Kb / 2P
   AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8101PS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
   12V/9A Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com