Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8800A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8800A
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8800A Datasheet HTML 1Page - Richtek Technology Corporation RT8800A Datasheet HTML 2Page - Richtek Technology Corporation RT8800A Datasheet HTML 3Page - Richtek Technology Corporation RT8800A Datasheet HTML 4Page - Richtek Technology Corporation RT8800A Datasheet HTML 5Page - Richtek Technology Corporation RT8800A Datasheet HTML 6Page - Richtek Technology Corporation RT8800A Datasheet HTML 7Page - Richtek Technology Corporation RT8800A Datasheet HTML 8Page - Richtek Technology Corporation RT8800A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
RT8800A
2
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Functional Pin Description
IMAX (Pin 1)
Over current protection setting.
VID125 (Pin 2)
Connect a resistor from this pin to GND can raise VOUT.
FB (Pin 3)
The pin is defined as the inverting input of internal error
amplifier.
DVD (Pin 4)
The pin is defined as a programmable power UVLO
detection input. Trip threshold = 0.8V at VDVD rising.
COMP (Pin 5)
The pin is defined as the output of the error amplifier and
the input of all PWM comparators.
PI (Pin 6)
The pin is defined as the positive input of the error amplifier.
RT (Pin 7)
Switching frequency setting. Connect this pin to GND with
a resistor to set the frequency.
ICOMMON (Pin 8)
Common negative input of current sense amplifiers for all
three channels.
PGOOD (Pin 9)
Output power-good indication. The signal is implemented
as an output signal with open-drain type.
ISP1 , ISP2 , ISP3 (Pin 12, Pin 11, Pin 10)
Current sense positive inputs for individual converter
channel current sense.
PWM1 , PWM2 , PWM3 (Pin 13, Pin 14, Pin 15)
PWM outputs for each phase switching drive.
VDD (Pin 16)
Chip power supply. Connect this pin to a 5V supply.
GND [Exposed Pad (17)]
The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Pin Configurations
(TOP VIEW)
VQFN-16L 3x3
IMAX
ISP1
PGOOD
ISP3
ISP2
DVD
FB
VID125
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17


Similar Part No. - RT8800A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
More results

Similar Description - RT8800A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
   General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
   General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
   2/3-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
   2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
   4/3/2/1-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
   2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
   2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com