Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8805 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8805
Description  Two Phase General Purpose PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8805 Datasheet HTML 5Page - Richtek Technology Corporation RT8805 Datasheet HTML 6Page - Richtek Technology Corporation RT8805 Datasheet HTML 7Page - Richtek Technology Corporation RT8805 Datasheet HTML 8Page - Richtek Technology Corporation RT8805 Datasheet HTML 9Page - Richtek Technology Corporation RT8805 Datasheet HTML 10Page - Richtek Technology Corporation RT8805 Datasheet HTML 11Page - Richtek Technology Corporation RT8805 Datasheet HTML 12Page - Richtek Technology Corporation RT8805 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT8805
Preliminary
9
DS8805-01 November 2005
www.richtek.com
Figure 3. Current Sensing Loop
The sensing circuit gets IX = IL(S/H) x RDS(ON) x GM by
local feedback. IX is sampled and held just before low side
MOSFET turns off (See Figure 4). Therefore,
IX(S/H) = IL(S/H) x RDS(ON) x GM
Figure 4. Inductor Current and Gate signals
GM
R
2L
s
5
V
V
V
V
I
I
200kHz
F
s,
5
V
V
V
T
,
2
T
L
V
I
I
DS(ON)
IN
OUT
IN
OUT
L(AVG)
(S/H)
X
SW
IN
OUT
IN
OFF
OFF
OUT
L(AVG)
L(S/H)
×
×
×
×
=
=
×
⎥⎦
⎢⎣
=
×
=
μ
μ
High Side MOSFET Gate Signal
Low Side MOSFET Gate Signal
Inductor Current
Falling Slope = VOUT/L
IL
IL(AVG)
IL(S/H)
Gate control
a. Before SS signal reach the valley of the ramp voltage,
UGATE and LGATE will be off.
b. If SS pin is pulled down 0.4V, UGATE and LGATE will
be off.
c. UV protect function caused by FB < 0.6V and SS >
3.7V, and controller will trigger Always Hiccup Mode.
d. When OC function occurs and SS > 3.7V, a constant
current of 10
μA starts to discharge the capacitor
connected to SS pin right away. When OC occurs,
UGATE and LGATE will be off. When the voltage at the
capacitor connected to SS pin pass about 0.4V, a
constant current of 10
μA starts to charge the capacitor.
The PWM signal is enable to pass to UGATE and
Current Balance
RT8805 senses the voltage drop of the low-side MOS and
translates this to control the ramp signal. We can see
that the voltage signal finally injected to channel one is
proportional to (IL1 - IL2). Channel two is proportional to
(IL2 - IL1). In steady state and current balance situation,
there is no sensed signal injected into the ramp.
If IL1 > IL2, the ramp bottom of channel 1 will be lifted up
and decreased the duty of UGATE1. On the other hand,
the ramp bottom of channel 2 will be pulled low to increase
the duty of UGATE2. Finally, the loop will be back to the
balance state through above mentioned negative feedback
scheme. Figure 5 shows this scheme.
Figure 5. Current Balance
Logic
&
Driver
L2
I
L2
+
-
k2 = k x R
ON2
V
ON2
V
IN2
Logic
&
Driver
L1
I
L1
+
-
k1 = k x R
ON1
V
ON1
V
IN1
CL
RL
V
OUT
V
CSO2 = k2 x IL2 = k x VON2
V
CSO1 = k1 x IL1
= k x V
ON1
2
1
RAMP2
RAMP1
+
-
V
REF
COMP
RAMP2
RAMP1
Current
Balance
OCP
S/H
+
-
MUX
PHASE1
PHASE2
CLK2
CLK1
OC
IMAX
GM


Similar Part No. - RT8805

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CGQV RICHTEK-RT8805CGQV Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CGQVA RICHTEK-RT8805CGQVA Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CPQV RICHTEK-RT8805CPQV Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CPQVA RICHTEK-RT8805CPQVA Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
More results

Similar Description - RT8805

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
   Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
   Two-Phase PWM Controller for Graphics Processor Units (GPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com