Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9005A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9005A
Description  DDR VDDQ and Termination Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9005A Datasheet HTML 1Page - Richtek Technology Corporation RT9005A Datasheet HTML 2Page - Richtek Technology Corporation RT9005A Datasheet HTML 3Page - Richtek Technology Corporation RT9005A Datasheet HTML 4Page - Richtek Technology Corporation RT9005A Datasheet HTML 5Page - Richtek Technology Corporation RT9005A Datasheet HTML 6Page - Richtek Technology Corporation RT9005A Datasheet HTML 7Page - Richtek Technology Corporation RT9005A Datasheet HTML 8Page - Richtek Technology Corporation RT9005A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9005A/B
Preliminary
5
DS9005A/B-01 September 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
IOUT = +2A
Load Regulation
(Note 7)
ΔVLOAD
IOUT = −2A
−20
--
+20
mV
VOUT2 Current Limit
ILIM2
2.2
--
--
A
Protection
Thermal Shutdown Temperature TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
35
--
°C
REFEN Shutdown
VIH
Enable
0.6
--
--
Shutdown Threshold
VIL
Shutdown
--
--
0.2
V
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (4 Layers,
2S2P) of JEDEC 51-7 thermal measurement standard. The case point of
θJC is on the expose pad for SOP-8 (Exposed
Pad) package.
Note 5. VOUT2 Standby current is the input current drawn by a regulator when the output voltage is disabled by a shutdown
signal on REFEN pin (VIL < 0.2V). It is measured with VIN2 = VCNTL = 5V.
Note 6. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 7. Regulation is measured at constant junction temperature by using a 5ms current pulse. Devices are tested for load
regulation in the load range from 0A to 2A.
Note 8. VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.


Similar Part No. - RT9005A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9005A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Semtech Corporation
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com