Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9002B-PS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9002B-PS
Description  Dual Low-Dropout Regulator with Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002B-PS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9002B-PS Datasheet HTML 3Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 4Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 5Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 6Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 7Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 8Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 9Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 10Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT9002A/B/C
11
DS9002ABC-03 March 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
Outline Dimension
A
B
J
F
H
M
C
D
I
8-Lead SOP Plastic Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
4.801
5.004
0.189
0.197
B
3.810
3.988
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.508
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.170
0.254
0.007
0.010
I
0.050
0.254
0.002
0.010
J
5.791
6.200
0.228
0.244
M
0.400
1.270
0.016
0.050


Similar Part No. - RT9002B-PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002B RICHTEK-RT9002B Datasheet
207Kb / 11P
   Dual Low Dropout Regulator with Detector
More results

Similar Description - RT9002B-PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A_11 Datasheet
207Kb / 11P
   Dual Low Dropout Regulator with Detector
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com