Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L102 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E39-L102
Description  Oil-resistive, long-distance photoelectric sensor (metal case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L102 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E39-L102 Datasheet HTML 1Page - Omron Electronics LLC E39-L102 Datasheet HTML 2Page - Omron Electronics LLC E39-L102 Datasheet HTML 3Page - Omron Electronics LLC E39-L102 Datasheet HTML 4Page - Omron Electronics LLC E39-L102 Datasheet HTML 5Page - Omron Electronics LLC E39-L102 Datasheet HTML 6Page - Omron Electronics LLC E39-L102 Datasheet HTML 7Page - Omron Electronics LLC E39-L102 Datasheet HTML 8Page - Omron Electronics LLC E39-L102 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A-150
Photoelectric Sensors
Output Circuit Diagram
NPN output
PNP output
Connectors (Sensor I/O connectors)
Model
Operating status of
output transistor
Timing chart
Mode selec-
tion switch
Output circuit
E3S-CT11(-M1J)
E3S-CT61(-M1J)
E3S-CR11(-M1J)
E3S-CR61(-M1J)
E3S-CD11(-M1J)
E3S-CD12(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
Light ON
L
∑ON
(LIGHT ON)
Dark ON
D
∑ON
(DARK ON)
Model
Operating status of
output transistor
Timing chart
Mode selec-
tion switch
Output circuit
E3S-CT11(-M1J)
E3S-CT61(-M1J)
E3S-CR11(-M1J)
E3S-CR61(-M1J)
E3S-CD11(-M1J)
E3S-CD12(-M1J)
E3S-CD61(-M1J)
E3S-CD62(-M1J)
Light ON
L
∑ON
(LIGHT ON)
Dark ON
D
∑ON
(DARK ON)
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Reset
Light
indicator
(red)
(Between brown and black)
Output
transistor
Load
(Relay)
3
1
2
4
1
4
3
ZD
ZD
0V
Receiver (Through-beam Models)
Retroreflective, Diffuse Reflective, and Limited Reflective Models
Connector Pin Arrangement
Note: Terminal 2 is not used.
Light
indicator
Stability
indicator
PNP
output transistor
NPN
output transistor
NPN and PNP
output selector
(red)
(green)
Brown
Black
Blue
Main
circuit
Load
*
* Note: Set the NPN and PNP output selector to NPN.
Load current
Control output
10 to 30 VDC
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Reset
Light
indicator
(red)
(Between brown and black)
Output
transistor
Load
(Relay)
3
1
2
4
1
3
Emitter (Through-beam Models)
Connector Pin Arrangement
Note: Terminal 2 and 4 are not used.
Emitter
indicator
(red)
Brown
10 to 30 VDC
Blue
Main
circuit
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Reset
Light
indicator
(red)
(Between blue and black)
Output
transistor
Load
(Relay)
3
1
2
4
1
4
3
ZD
ZD
0V
Receiver (Through-beam Models)
Retroreflective, Diffuse Reflective, and Limited Reflective Models
Connector Pin Arrangement
Note: Terminal 2 is not used.
Light
indicator
Stability
indicator
PNP
output transistor
NPN
output transistor
NPN and PNP
output selector
(red)
(green)
Brown
Black
Blue
Main
circuit
Load
*
* Note: Set the NPN and PNP output selector to PNP.
Load current
Control output
10 to 30 VDC
Incident
Interrupted
ON
OFF
ON
OFF
Operate
Reset
Light
indicator
(red)
(Between blue and black)
Output
transistor
Load
(Relay)
3
1
2
4
1
3
Emitter (Through-beam Models)
Connector Pin Arrangement
Note: Terminal 2 and 4 are not used.
Emitter
indicator
(red)
Brown
10 to 30 VDC
Blue
Main
circuit
2
4
13
1
2
3
4
Brown
Blue
Black
Pin No.
XS2F-D421-DC0-A
Wire colors
Brown
Connector
pin No.
(1)
(2)
(3)
Use
--
Blue
Classifi-
cation
DC
Black
(4)
+V
--
0V
Output
Note: Terminal 2 is not used.
Note: Pin 2 is open.
Class
Wire, outer
jacket color
Connector
pin No.
Application
For DC
Brown
A
+V
---
B
---
Blue
C
0V
Black
D
Output


Similar Part No. - E39-L102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L102 OMRON-E39-L102 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L102 OMRON-E39-L102 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L102

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com