Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8010PQW Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8010PQW
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010PQW Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8010PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 9Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 10Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 11Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 12Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 13Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 14Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT8010/A
12
DS8010/A-02 March 2007
www.richtek.com
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD (ESR), where ESR is the effective series
resistance of COUT.
ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of RT8010/A.
For the main current paths as indicated in bold lines in
Figure 6, keep their traces short and wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept small area. Keep analog components away from
LX node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8010/A.
2. I2R losses are calculated from the resistances of the
internal switches, RSW and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main switch
and the synchronous switch. Thus, the series resistance
looking into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows :
RSW = RDS(ON)TOP x DC + RDS(ON)BOT x (1
−DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to RL
and multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Thermal Considerations
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA is
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8010/ADC/DC converter, where TJ(MAX) is the maximum
junction temperature of the die and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For WDFN-6L 2x2
packages, the thermal resistance
θJA is 165°C/W on the
standard JEDEC 51-7 four layers thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by following formula :
PD(MAX) = (125
°C − 25°C) / 165°C/W = 0.606W for
WDFN-6L 2x2 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA.
For RT8010/A packages, the Figure 5 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Figure 5. Derating Curves for RT8010/A Package
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
Ambient Temperature
Four Layers PCB
WDFN-6L 2x2
(
°C)
WQFN-16L 3x3


Similar Part No. - RT8010PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010BGQW RICHTEK-RT8010BGQW Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8010PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com