Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8010PQW Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8010PQW
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010PQW Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8010PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 9Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 10Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 11Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 12Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 13Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 14Page - Richtek Technology Corporation RT8010PQW Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT8010/A
14
DS8010/A-02 March 2007
www.richtek.com
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.350
0.008
0.014
D
1.950
2.050
0.077
0.081
D2
1.000
1.450
0.039
0.057
E
1.950
2.050
0.077
0.081
E2
0.500
0.850
0.020
0.033
e
0.650
0.026
L
0.300
0.400
0.012
0.016
W-Type 6L DFN 2x2 Package
D
1
E
A3
A
A1
e
b
L
D2
E2
SEE DETAIL A
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options


Similar Part No. - RT8010PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010BGQW RICHTEK-RT8010BGQW Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8010PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com