Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9014-GKPQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9014-GKPQW
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014-GKPQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9014-GKPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9014-GKPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9014/A
Preliminary
11
DS9014/A-08 August 2007
www.richtek.com
For recommended operating conditions specification of
RT9014/A, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for WDFN-10L 3x3
package is 108
°C/W on the standard JEDEC 51-3 single-
layer thermal test board. The maximum power dissipation
at TA = 25
°C can be calculated by following formula :
PD(MAX) = ( 125
°C − 25°C ) / 108 = 0.926W for
WDFN-10L 3x3 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA . For RT9014/A packages, the Figure 3 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 3. Derating Curves for RT9014/A Packages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
25
50
75
100
125
Ambient Temperature (
°C)
WDFN-10L 3x3


Similar Part No. - RT9014-GKPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014-GMPQV RICHTEK-RT9014-GMPQV Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014-GSPQV RICHTEK-RT9014-GSPQV Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
More results

Similar Description - RT9014-GKPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
   Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com