Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9161A49PV Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9161A49PV
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9161A49PV Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9161A49PV Datasheet HTML 1Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 2Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 3Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 4Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 5Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 6Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 7Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 8Page - Richtek Technology Corporation RT9161A49PV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9161/A
3
DS9161/A-31 March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage -----------------------------------------------------------------------------------------------------------
0.3 to 14V
Operating Junction Temperature Range -------------------------------------------------------------------------
40°C to 125°C
Storage Temperature Range ---------------------------------------------------------------------------------------
65°C to 150°C
Power Dissipation, PD @ TA = 25
°C
SOT-23-3 --------------------------------------------------------------------------------------------------------------- 0.4W
SOT-89 ------------------------------------------------------------------------------------------------------------------ 0.571W
SOT-223 ---------------------------------------------------------------------------------------------------------------- 0.741W
TO-92 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note 4)
SOT-23-3,
θJA ---------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-3,
θJC --------------------------------------------------------------------------------------------------------- 140°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------ 175°C/W
SOT-89,
θJC ------------------------------------------------------------------------------------------------------------ 100°C/W
SOT-223,
θJA----------------------------------------------------------------------------------------------------------- 135°C/W
SOT-223,
θJC ---------------------------------------------------------------------------------------------------------- 15°C/W
TO-92,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
TO-92,
θJC-------------------------------------------------------------------------------------------------------------- 125°C/W
Electrical Characteristics
(TA = 25°C, CIN = 1
μF, COUT = 10μF, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
ΔVOUT
IL = 1mA, VIN = 5V
-2
--
+2
%
Output Voltage Temperature
Coefficient
--
50
150
PPM/
°C
Line Regulation
ΔVLINE
IL = 1mA, VIN= 4.5 ~ 12V
--
2
3
%VOUT
Load Regulation (Note1)
ΔVLOAD IL = 1mA ~ 300/500mA, VIN = 5V
--
1
30/50
mV
RT9161
350
580
--
Current Limit
(Note 2)
RT9161A
ILIM
VIN= 5V, VOUT = 0V
500
900
--
mA
Dropout Voltage (Note 3)
VDROP
IL = 300/500mA
--
450/750 600/1000
mV
Standby Current
ISTANDBY IL = 0, VIN = 12V
--
110
180
μA
Note 1.
Regulation is measured at constant junction temperature, using pulsed ON time.
Note 2.
Current Limit is measured at constant junction temperature, using pulsed ON time.
Note 3.
The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


Similar Part No. - RT9161A49PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161A-18PX RICHTEK-RT9161A-18PX Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-25GV RICHTEK-RT9161A-25GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-28GV RICHTEK-RT9161A-28GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161A-50PV RICHTEK-RT9161A-50PV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT9161A49PV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com