Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9013-33GB Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9013-33GB
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-33GB Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9013-33GB Datasheet HTML 2Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 3Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 9Page - Richtek Technology Corporation RT9013-33GB Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9013
Preliminary
6
DS9013-05 August 2007
www.richtek.com
VIN = 2.5V, ILOAD = 10mA to 100mA
Load Transient Response
Time (100
μs/Div)
100
50
0
50
0
-50
RT9013-15PQW
VIN = 2.5V, ILOAD = 10mA to 300mA
Load Transient Response
Time (100
μs/Div)
400
200
0
50
0
-50
RT9013-15PQW
VIN = 2.6V to 3.6V, ILOAD = 10mA
Line Transient Response
Time (100
μs/Div)
3.6
2.6
20
0
-20
RT9013-15PQW
Line Transient Response
Time (100
μs/Div)
3.6
2.6
20
0
-20
VIN = 2.6V to 3.6V, ILOAD = 100mA
RT9013-15PQW
VIN = 3.0V (By Battery), ILOAD = 10mA
Noise
Time (10ms/Div)
300
200
100
0
-100
-200
-300
RT9013-15PQW
VIN = 3.0V (By Battery), No Load
Noise
Time (10ms/Div)
300
200
100
0
-100
-200
-300
RT9013-15PQW


Similar Part No. - RT9013-33GB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT9013-33GB TECHPUBLIC-RT9013-33GB Datasheet
2Mb / 5P
   500mA Higt PSRR Voltage Reaulators
RT9013-33GB TECHPUBLIC-RT9013-33GB Datasheet
2Mb / 5P
   500mA Higt PSRR Voltage Reaulators|
More results

Similar Description - RT9013-33GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
logo
Unisonic Technologies
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com